Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 49Page - STMicroelectronics STAMP0 Datasheet HTML 50Page - STMicroelectronics STAMP0 Datasheet HTML 51Page - STMicroelectronics STAMP0 Datasheet HTML 52Page - STMicroelectronics STAMP0 Datasheet HTML 53Page - STMicroelectronics STAMP0 Datasheet HTML 54Page - STMicroelectronics STAMP0 Datasheet HTML 55Page - STMicroelectronics STAMP0 Datasheet HTML 56Page - STMicroelectronics STAMP0 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
STAMP0
I²C registers
DocID028639 Rev 1
53/62
Bit
R/W
RST
Name
Description
6
R/W
1
LP1 EN
Low-pass filter enable:
0: L.P. filter is not enabled
1: L.P. filter is enabled
5-0
R/W
100000
Microphone 1 Low
Channel Attenuation
See Table 14: "Channel
attenuation"
5.2.54
Recomb. control register mike 2 attenuation (reg. 0x35)
B7
B6
B5
B4
B3
B2
B1
B0
-
LP2 EN
Microphone 2 Low Channel Attenuation
-
1
100000
Bit
R/W
RST
Name
Description
6
R/W
1
LP2 EN
Low pass filter enable:
0: L.P. filter is not enabled
1: L.P. filter is enabled
5-0
R/W
100000
Microphone 2 Low Channel
Attenuation
See Table 14: "Channel
attenuation"
5.2.55
STMRecomb. control register mike 3 attenuation (reg. 0x36)
B7
B6
B5
B4
B3
B2
B1
B0
-
LP3 EN
Microphone 3 Low Channel Attenuation
-
1
100000
Bit
R/W
RST
Name
Description
6
R/W
1
LP3 EN
Low pass filter enable:
0: L.P. filter is not enabled
1: L.P. filter is enabled
5-0
R/W
100000
Microphone 3 Low Channel
Attenuation
See Table 14: "Channel
attenuation"
5.2.56
STMRecomb. control register mike 4 attenuation (reg. 0x37)
B7
B6
B5
B4
B3
B2
B1
B0
-
LP4 EN
Microphone 4 Low Channel Attenuation
-
1
100000
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com