Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 32Page - STMicroelectronics STAMP0 Datasheet HTML 33Page - STMicroelectronics STAMP0 Datasheet HTML 34Page - STMicroelectronics STAMP0 Datasheet HTML 35Page - STMicroelectronics STAMP0 Datasheet HTML 36Page - STMicroelectronics STAMP0 Datasheet HTML 37Page - STMicroelectronics STAMP0 Datasheet HTML 38Page - STMicroelectronics STAMP0 Datasheet HTML 39Page - STMicroelectronics STAMP0 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
I²C registers
STAMP0
36/62
DocID028639 Rev 1
5.2.4
PLL multiplication factor, fractional part MSB (reg. 0x03)
B7
B6
B5
B4
B3
B2
B1
B0
PLLFI[15:8]
0
0
0
0
0
0
0
0
5.2.5
PLL multiplication factor, fractional part LSB (reg. 0x04)
B7
B6
B5
B4
B3
B2
B1
B0
PLLFI[7:0]
0
0
0
0
0
0
0
0
5.2.6
Clock manager configuration register (reg.0x05)
B7
B6
B5
B4
B3
B2
B1
B0
-
-
-
-
PLLOSC_BYP
PLLBYP
LOWEN
AUTOPLL
-
-
-
-
0
0
0
1
Bit
R/W
RST
Name
Description
3
R/W
0
PLLOSC_BYP
PLLOSC_BYP:
1: PLL and oscillator bypassed
0: PLL and oscillator not bypassed
2
R/W
0
PLLBYP
PLL bypass:
0: PLL not bypassed
1: PLL bypassed
1
R/W
0
LOWEN
Low clock enable:
0: if input clock is too slow, master clock will become the
internal oscillator clock (20 MHz), PLL bypassed
1: disabled
0
R/W
1
AUTOPLL
PLL programmed manually:
0: PLL programmed using the SCK and FSY external signals
1: PLL programmed using the I²C registers 0x1 and 0x2
5.2.7
Clock manager status register (reg. 0x06)
B7
B6
B5
B4
B3
B2
B1
B0
-
-
-
AUTOPLLS
PLLBYPS
PLLPDS
OSCOK
LOWCKS
-
-
-
0
0
0
0
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com