Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 26Page - STMicroelectronics STAMP0 Datasheet HTML 27Page - STMicroelectronics STAMP0 Datasheet HTML 28Page - STMicroelectronics STAMP0 Datasheet HTML 29Page - STMicroelectronics STAMP0 Datasheet HTML 30Page - STMicroelectronics STAMP0 Datasheet HTML 31Page - STMicroelectronics STAMP0 Datasheet HTML 32Page - STMicroelectronics STAMP0 Datasheet HTML 33Page - STMicroelectronics STAMP0 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Architecture
STAMP0
30/62
DocID028639 Rev 1
Table 8: PLL frequency values
SCKxFs
SCK frequency (Fs = 44.1 kHz / 48.0 kHz)
IDF
NDIV
PLL_CLK
64 Fs
2.8224 MHz / 3.072 MHz
1
32
90.3168 MHz /98.304 MHz
128 Fs
5.6448 MHz / 6.144 MHz
1
16
90.3168 MHz /98.304 MHz
256 Fs
11.2896 MHz / 12.288 MHz
1
8
90.3168 MHz /98.304 MHz
4.8.2
Oscillator
The STAMPO internal oscillator guarantees the functionalities of all the internal blocks
either if the PLL is unlocked or a low clock is detected. Its output frequency is equal to 20
MHz.
4.8.3
PLL autoconf
The PLL AutoConf main functionalities are:
•
PLL programming either using the I²C registers Reg. 0x01 and 0x02 (PLL manual
programming mode), or the SCK and FSY TDM external signals (automatic
programming mode). The automatic and the manual PLL programming functionalities
work only if both the SCK and FSY external clocks are given.
•
SCK and FSY frequencies integrity monitoring (both in manual and in automatic
programming mode)
•
SCK_RATE frequency computation (only in manual mode)
This block receives as input the SCK, FSY, I²C_AUTOPLL, I²C_IDF and the I²C_NIDV
signals and it generates the IDF and NDIV signals required to program the PLL, and the
SCK_rate value to configure the channel mapping and the TDM interface.
This block generates an interrupt as soon as the FSY/SCK ratio differs from 64, 128 and
256.
4.8.4
Low-clock check
This block is a simply an SCK low frequency detection circuit. In particular it receives as
input the SCK clock signal, the oscillator output frequency, and it generates the output
LOWCKS signal equal to ‘1’ as soon as the SCK clock frequency falls below an internal
threshold. The output of this block can be monitored using the I²C register (Reg. 0x06, bit
B0).
4.8.5
PLL_OSC_SEL
This block receives as input the LOWCKS, PLL_LOCK and the I²C_PLLBYP (Reg. 0x05,
bit B2), and it generates as output the BYPASS_INT signal. The BYPASS_INT signal is
equal to ‘1’ either if the PLL is unlocked or the LOWCKS signal is set to ‘1’. In all the other
cases the BYPASS_INT signal is equal to ‘0’. Moreover the PLL can be bypassed through
the I²C register REG 0x05 Bit 2 (I²C_PLLBYP signal in Figure 21: "Clock manager
architecture").
4.8.6
SYNC clock generator
This block simply receives as inputs the SYS_CLK, the I²C SYNC_CLK_N signal (Reg.
0x07 bits B5, B4, B3, B2, B1, B0), the I²C SYNC_CLK_EN signal (Reg. 0x07, bit B6) and it
generates the SYNC_CLK frequency according to the value given in Table 9: "Sync clock
frequencies".
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com