Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAMP0 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STAMP0
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STAMP0 Datasheet HTML 50Page - STMicroelectronics STAMP0 Datasheet HTML 51Page - STMicroelectronics STAMP0 Datasheet HTML 52Page - STMicroelectronics STAMP0 Datasheet HTML 53Page - STMicroelectronics STAMP0 Datasheet HTML 54Page - STMicroelectronics STAMP0 Datasheet HTML 55Page - STMicroelectronics STAMP0 Datasheet HTML 56Page - STMicroelectronics STAMP0 Datasheet HTML 57Page - STMicroelectronics STAMP0 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
I²C registers
STAMP0
54/62
DocID028639 Rev 1
Bit
R/W
RST
Name
Description
6
R/W
1
LP4 EN
Low-pass filter enable:
0: L.P. filter is not enabled
1: L.P. filter is enabled
5-0
R/W
100000
Microphone 4 Low Channel
Attenuation
See Table 14: "Channel
attenuation"
Table 14: Channel attenuation
Hex value
dB
Hex value
dB
Hex value
dB
Hex value
dB
0x00
-4.0
0x10
-2.0
0x20
0
0x30
2.0
0x01
-3.875
0x11
-1.875
0x21
0.125
0x31
2.125
0x02
-3.75
0x12
-1.75
0x22
0.250
0x32
2.250
0x03
-3.625
0x13
-1.625
0x23
0.375
0x33
2.375
0x04
-3.5
0x14
-1.5
0x24
0.5
0x34
2.5
0x05
-3.375
0x15
-1.375
0x25
0.625
0x35
2.625
0x06
-3.25
0x16
-1.25
0x26
0.750
0x36
2.750
0x07
-3.125
0x17
-1.125
0x27
0.875
0x37
2.875
0x08
-3.0
0x18
-1.0
0x28
1.0
0x38
3.0
0x09
-2.875
0x19
-1.875
0x29
1.125
0x39
3.125
0x0A
-2.75
0x1A
-1.75
0x2A
1.250
0x3A
3.250
0x0B
-2.625
0x1B
-1.625
0x2B
1.375
0x3B
3.375
0x0C
-2.5
0x1C
-1.5
0x2C
1.5
0x3C
3.5
0x0D
-2.375
0x1D
-1.375
0x2D
1.625
0x3D
3.625
0x0E
-2.25
0x1E
-1.25
0x2E
1.750
0x3E
3.750
0x0F
-2.125
0x1F
-1.125
0x2F
1.875
0x3F
3.875
5.2.57
STMRecomb. control register mike 1 low channel threshold (reg. 0x38)
B7
B6
B5
B4
B3
B2
B1
B0
-
-
Microphone 1 Low Channel Threshold
-
-
110011
Bit
R/W
RST
Name
Description
5-0
R/W
110011
Microphone 1 Low Channel Threshold
See Table 15: "Channel thresholds"
5.2.58
STMRecomb. control register mike 2 low channel threshold (reg. 0x39)
B7
B6
B5
B4
B3
B2
B1
B0
-
-
Microphone 2 Low Channel Threshold
-
-
110011
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com