Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3268 Datasheet (PDF) - Texas Instruments

CD3268 Datasheet PDF - Texas Instruments
Part # CD3268
Download  CD3268 Download
File Size   1437.5 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD326x Audio Interface Transmitter for Specially Enabled Headsets

CD3268 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD3268 Datasheet PDF - Texas Instruments

Part # CD3268
Download  CD3268 Click to download

File Size   1437.5 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD326x Audio Interface Transmitter for Specially Enabled Headsets

CD3268 Datasheet (HTML) - Texas Instruments


CD3268 Product details

1 Features
• Compatible with specially enabled audio interfaces
(iPhone® and iPad®)
• Low quiescent current
– Button mode (microphone not in use): 3μA
– Tone mode (microphone in use): 110μA
• Miniature DSBGA (YZP) package
• ESD performance
– Human body model: 2000V
– Charged device model: 500V

2 Applications
• Wired headset signaling transmitter compatible
with systems including a specially enabled audio
interface
• See Chapter 54: Headset Remote and Microphone
Transmitter in Accessory Design Guidelines for
Apple Devices from the Apple Development Page

3 Description
The CD326x supports two operating modes; button
mode and tone mode. Button mode offers no
microphone support. Button mode passes the DC
voltage from an external switch-resistor network (tied
to the REM pin) to the MIC pin to measure the
voltage externally. Tone mode offers microphone
support and senses button presses based on an
external switch-resistor network (tied to the REM
pin). Tone mode generates corresponding ultrasonic
signals that are superimposed (via a driver output on
the TONE pin) on the system MICBIAS line. These
signals control audio functions when connected to
a specially enabled audio interface. The input DC
bias level provided on the MIC pin controls button or
tone mode selection. During tone mode, the CD326x
also provides functionality to control or bias an
external MEMS (micro-electrical-mechanical systems)
technology microphone module.




Similar Part No. - CD3268

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CD326N SCHNEIDER-CD326N Datasheet
64Kb / 2P
Safety switch, general duty, fusible, 600A, 120/240 VAC, 3 poles, 150 hp, solid neutral, NEMA 1
Jun 23, 2021
CD326NR SCHNEIDER-CD326NR Datasheet
104Kb / 2P
Safety switch, general duty, fusible, 600A, 120/240 VAC, 3 poles, 150 hp, solid neutral, NEMA 3R
Jun 23, 2021
More results


Similar Description - CD3268

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-1999
logo
Cirrus Logic
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
STMicroelectronics
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-2002
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
192 kHz Digital Audio Interface Transmitter
logo
ADTech
ADT5116TA ADTECH-ADT5116TA Datasheet
84Kb / 2P
transmitter IC for digital audio interface
Mar.20. 2003 / Rev. 0.0
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
26-Apr-2010
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
192 kHz Digital Audio Interface Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com