Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3268 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD3268
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3268 Datasheet(HTML) 5 Page - Texas Instruments

  CD3268 Datasheet HTML 1Page - Texas Instruments CD3268 Datasheet HTML 2Page - Texas Instruments CD3268 Datasheet HTML 3Page - Texas Instruments CD3268 Datasheet HTML 4Page - Texas Instruments CD3268 Datasheet HTML 5Page - Texas Instruments CD3268 Datasheet HTML 6Page - Texas Instruments CD3268 Datasheet HTML 7Page - Texas Instruments CD3268 Datasheet HTML 8Page - Texas Instruments CD3268 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVSHUNT-
TA
Active Current into VSHUNT
Tone Mode(1), (Figure 6-4)
104
123
μA
VTR
Tone Mode Threshold Voltage - Rising
MIC Rising (microphone enable),
VMICPWR = 1.0V, (Figure 6-6 and Figure
6-7)
2.20
2.35
2.5
V
VTF
Tone Mode Threshold Voltage - Falling
MIC Falling (microphone enable),
VMICPWR = 0.4V, (Figure 6-6 and Figure
6-7)
0.55
0.8
1
V
VMICPWR MICPWR Output Voltage
IMICPWR = 120μA to 150μA, (Figure 6-5)
1.51
1.56
1.61
V
RSO
Shunt Regulator Output Impedance
Freq = 100Hz, (Figure 6-8)
5
18
25
Ω
Freq = 20kHz, (Figure 6-8)
12
21
35
Ω
Freq = 300kHz, (Figure 6-8)
300
458
650
Ω
Freq = 1MHz, (Figure 6-8)
2600
2830
3300
Ω
RONA
Switch A, RDSON
Tone Mode, IMICPWR = 1mA,
VMICBIAS = 2.56V, (Figure 6-9)
40
55
Ω
RONB
Switch B, RDSON
Button Mode, IREM = 1mA,
VMIC = 1.2V, (Figure 6-10)
22
30.5
Ω
Tone and Button Mode Parameters
en-mic100 MIC Integrated Noise
100Hz to 20kHz, (Figure 6-1)
1.5
2
μVRMS
en-mic1K
MIC Integrated Noise
1kHz to 20kHz, (Figure 6-1)
0.39
1
μVRMS
fTONE1
Button 1 Frequency - CD3268 ACK Tone RREM = 6.81kΩ, (Figure 6-13)
109
130
159
kHz
fTONE2
Button 2 Frequency - CD3269 ACK Tone RREM = 9.42kΩ, (Figure 6-13)
138
165
200
kHz
fTONE3
Button 3 Frequency
RREM = 12.99kΩ, (Figure 6-13)
167
201
242
kHz
fTONE4
Button 4 Frequency
RREM = 19.8 kΩ, (Figure 6-13)
196
237
284
kHz
fCAL
Calibration Frequency
(Figure 6-13)
225
271
325
kHz
fREL
Button Release Frequency
(Figure 6-13)
81
97
117
kHz
BR1
Button 1 Ratio
fTONE1 / fCAL
0.470
0.488
0.500
BR2
Button 2 Ratio
fTONE2 / fCAL
0.600
0.609
0.630
BR3
Button 3 Ratio
fTONE3 / fCAL
0.730
0.740
0.758
BR4
Button 4 Ratio
fTONE4 / fCAL
0.860
0.876
0.890
BRREL
Button Release Ratio
fREL / fCAL
0.340
0.360
0.380
RBT1
Button 1 Boundary
6.61
6.81
7.01
kΩ
RBT2
Button 2 Boundary
9.14
9.42
9.7
kΩ
RBT3
Button 3 Boundary
12.60
12.99
13.38
kΩ
RBT4
Button 4 Boundary
19.21
19.80
20.39
kΩ
VTA
Tone Amplitude
RTONE = 1MΩ, (Figure 6-11 and Figure
6-12)
350
550
720
mVp-p
RTONE = 100kΩ, (Figure 6-11 and Figure
6-12)
300
515
710
mVp-p
RTONE = 10kΩ, (Figure 6-11 and Figure
6-12)
200
390
620
mVp-p
RTONE = 1kΩ, (Figure 6-11 and Figure
6-12)
40
140
320
mVp-p
(1)
This current is pulled through RVSHUNT between MIC and VSHUNT and is the minimum current to keep VSHUNT regulated at
1.56V. Excess current through RVSHUNT will be available to the load at MICPWR. Excess current not used by the load at MICPWR will
be internally shunted to GND.
www.ti.com
CD3268A, CD3269A
SCHS463 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com