Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3268 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD3268
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3268 Datasheet(HTML) 4 Page - Texas Instruments

  CD3268 Datasheet HTML 1Page - Texas Instruments CD3268 Datasheet HTML 2Page - Texas Instruments CD3268 Datasheet HTML 3Page - Texas Instruments CD3268 Datasheet HTML 4Page - Texas Instruments CD3268 Datasheet HTML 5Page - Texas Instruments CD3268 Datasheet HTML 6Page - Texas Instruments CD3268 Datasheet HTML 7Page - Texas Instruments CD3268 Datasheet HTML 8Page - Texas Instruments CD3268 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VSUPPLY
Supply voltage, VSHUNT, MIC pins
-0.5
4.6
V
V0
Output voltage, MICPWR, TONE pins
-0.5
4.6
V
I0K
Output clamp current, MICPWR, TONE pins (V0 < 0)
-20
mA
VI
Input voltage, REM pin
-0.5
4.6
V
IIK
Input clamp current, REM pin (VI < 0)
-20
mA
ISUPPLY & IGND
Continuous current through VSHUNT, MIC, or GND pins
-50
50
mA
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human Body Model
±2000
V
Charged-Device Model
±500
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VMICBIAS
Button Mode - Bias Voltage (MIC pin is connected to MICBIAS through a
1% 2.21kΩ resistor); MIC pin voltages in this range enable Button Mode
1.8
2.1
V
VMICBIAS
Tone Mode - Bias Voltage (MIC pin is connected to MICBIAS through a 1%
2.21kΩ resistor); MIC pin voltages in this range enable Tone Mode
2.56
2.84
V
TA
Ambient temperature
–40
85
°C
5.4 Thermal Information
THERMAL METRIC(1)
YZP (DSBGA)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance - YZP Package
123
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Biases, Currents, & Thresholds
IMICBIAS-B Quiescent Current into MIC + VSHUNT
Button Mode, VMICBIAS = 2.1V, (Figure
6-2)
3
6
μA
IMIC-T
Quiescent Current into MIC
Tone Mode, (Figure 6-3)
34
46
μA
IVSHUNT-T Quiescent Current into VSHUNT
Tone Mode(1), (Figure 6-3)
60
80
μA
IMIC-TA
Active Current into MIC
Tone Mode, (Figure 6-4)
35
45
μA
CD3268A, CD3269A
SCHS463 – MAY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com