Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3268 Datasheet(PDF) 18 Page - Texas Instruments

Part # CD3268
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3268 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CD3268 Datasheet HTML 14Page - Texas Instruments CD3268 Datasheet HTML 15Page - Texas Instruments CD3268 Datasheet HTML 16Page - Texas Instruments CD3268 Datasheet HTML 17Page - Texas Instruments CD3268 Datasheet HTML 18Page - Texas Instruments CD3268 Datasheet HTML 19Page - Texas Instruments CD3268 Datasheet HTML 20Page - Texas Instruments CD3268 Datasheet HTML 21Page - Texas Instruments CD3268 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
line for a specially enabled audio interface to interpret. Using the output from the MICPWR pin, the external
microphone can be biased directly or through an external circuit as shown in Figure 8-1.
During a typical application where IMICPWR falls between 120µA and 150µA, the MICPWR pin provides a voltage
from 1.51V to 1.61V (1.56V typical, see VMICPWR). Leaving the MICPWR pin floating or drawing current outside
of these limits results in voltage exceeding the MICPWR output voltage specifications. Additionally, increasing
the voltage on the MIC pin above 2.5V drives the MICPWR output voltage above 1.61V.
Power up
Button mode
switch A open
switch B closed
VMIC > 2.3V?
N
Y
Debounce?
N
Y
Press S0?
N
Y
Open switch B
Close switch A
Send
ACK tone
Tone mode
switch A closed
switch B open
Button
press
(S0)?
Button press
(S1, S2,
S3,or S4)?
Y
N
Y
Send
button
tone
N
Figure 7-5. Tone Mode Power-up Sequence
For accuracy, the CD326x transmits two tones for each button press as shown in Figure 7-6. The first tone is
enabled for a period of 0.9ms and is a calibration frequency. The second tone is enabled for a period of 1.8ms
and is the unique frequency for the selected button. The specially enabled audio interface calculates the ratio of
these two frequencies and translates the ratio into button press information. This functionality provides accurate
results independent of clock frequency variation.
CD3268A, CD3269A
SCHS463 – MAY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com