Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3268 Datasheet(PDF) 14 Page - Texas Instruments

Part # CD3268
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3268 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CD3268 Datasheet HTML 10Page - Texas Instruments CD3268 Datasheet HTML 11Page - Texas Instruments CD3268 Datasheet HTML 12Page - Texas Instruments CD3268 Datasheet HTML 13Page - Texas Instruments CD3268 Datasheet HTML 14Page - Texas Instruments CD3268 Datasheet HTML 15Page - Texas Instruments CD3268 Datasheet HTML 16Page - Texas Instruments CD3268 Datasheet HTML 17Page - Texas Instruments CD3268 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
7 Detailed Description
7.1 Overview
The CD326x communicates with a specially enabled audio interface to report detected remote button presses.
Two basic modes are supported—button mode and tone mode—and the active mode is determined by the DC
bias voltage level on the MIC pin (2.5V and 2.0V for tone mode and button mode respectively). The bias voltage
is typically provided by a specially enabled audio interface.
During button mode operation, the CD326x operates as a pass-through element that connects the DC voltage on
the REM pin to the MIC pin. The REM pin is connected to an external switch-resistor network where each switch
represents a unique button. When a button is pressed, the DC level on the bias line is changed before being
externally detected and measured by a specially enabled audio interface. Button mode does not support bias or
control of an external microphone. In Figure 7-1, button mode is represented by switch A being open and switch
B being closed.
During tone mode operation, the CD326x supports the use of an external MEMS microphone module. The
module can be biased from the MICPWR pin or the MICPWR pin can be used to control an external circuit
to enable or disable power to the microphone as shown in Figure 8-1. The REM pin is used to detect
button presses from an external switch-resistor network, and the CD326x then generates a corresponding,
ultrasonic signal on the TONE pin. The tones are unique to each button and are externally coupled to the
system microphone bias line and MIC pin as seen in Figure 8-1. A specially enabled audio interface is able to
determine the frequency of the tone, decode the tone into a specific button press, and control system operations
accordingly. Most commonly, three button switches are used in the external switch-resistor network tied to
the REM pin with the following functions: volume up, volume down, and center button. However, the CD326x
supports up to four unique buttons, allowing for more customized functionality.
The CD326x also provides authentication, shunt regulation, and power-on-reset (POR) functionality. These are
described in Section 7.3.
7.2 Functional Block Diagram
VSHUNT
MIC
TONE
GND
MICPWR
REM
1.56V
S
Q
Q
R
Power-on
reset
+
Switch A
Switch B
Impedence
detector
Tone
generator
+
2.3V
Figure 7-1. Functional Block Diagram
CD3268A, CD3269A
SCHS463 – MAY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com