Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3268 Datasheet(PDF) 21 Page - Texas Instruments

Part # CD3268
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3268 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CD3268 Datasheet HTML 17Page - Texas Instruments CD3268 Datasheet HTML 18Page - Texas Instruments CD3268 Datasheet HTML 19Page - Texas Instruments CD3268 Datasheet HTML 20Page - Texas Instruments CD3268 Datasheet HTML 21Page - Texas Instruments CD3268 Datasheet HTML 22Page - Texas Instruments CD3268 Datasheet HTML 23Page - Texas Instruments CD3268 Datasheet HTML 24Page - Texas Instruments CD3268 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
8.2.2 Application Curves
Figure 8-2 shows the tone generated from applying different resistance values on the REM pin. Applying
and removing a resistance to the REM pin simulates a button press event which is detected by the
CD326x. Recommended button resistor values can be found in Figure 7-4 and Section 5.5 (specifically button
boundaries). Additionally, there are three sets of resistances between each band where either the generated
tone is unstable, or where the device does not generate a tone (see Table 8-2).
REM Pin Resistance (k
)
2
4
6
8
10
12
14
16
18
20
22
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
Figure 8-2. Generated Tone from REM Resistance Value
Table 8-2. Deadband Ranges
Button Transition
Deadband Range
From
To
Low (kΩ)
High (kΩ)
Button 1
Button 2
7.85
7.95
Button 2
Button 3
10.60
11.00
Button 3
Button 4
15.50
15.90
For Figure 8-3 and Figure 8-4, active currents refer to the currents drawn by the VMIC and VSHUNT pins when
a tone is being generated as part of tone mode operation.
Ambient Temperature (
C)
-50
-25
0
25
50
75
100
20
22
24
26
28
30
32
Figure 8-3. Active Current into MIC Pin vs
Temperature
Ambient Temperature (
C)
-50
-25
0
25
50
75
100
94
95
96
97
98
99
100
Figure 8-4. Active Current into VSHUNT Pin vs
Temperature
www.ti.com
CD3268A, CD3269A
SCHS463 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com