Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS160PR810 Datasheet (PDF) - Texas Instruments

DS160PR810 Datasheet PDF - Texas Instruments
Part # DS160PR810
Download  DS160PR810 Download
File Size   2004.92 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver

DS160PR810 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS160PR810 Datasheet PDF - Texas Instruments

Part # DS160PR810
Download  DS160PR810 Click to download

File Size   2004.92 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver

DS160PR810 Datasheet (HTML) - Texas Instruments


DS160PR810 Product details

1 Features
• Eight channel linear equalizer supporting PCIe 4.0
up to 16 Gbps
• Protocol agnostic linear redriver supporting many
high speed interface including UPI, DisplayPort,
SAS, SATA, XFI
• Provides equalization to handle up to 42 dB of
PCIe 4.0 channels
• CTLE boosts up to 18 dB at 8 GHz
• Ultra-low latency of 90 ps
• Low additive random jitter of 70 fs with PRBS data
• Single 3.3 V supply
• Low active power of 107 mW/channel
• No heat sink required
• Pin-strap, SMBus/I 2 C or EEPROM programming
• Automatic receiver detection for PCIe use cases
• Seamless support for PCIe link training
• Support for x4, x8, x16 PCIe bus width with one or
multiple DS160PR810
• Industrial temperature range of –40°C to 85°C
• 5.5 mm × 10 mm, 64-pin WQFN package

2 Applications
• Rack server
• Microserver & tower server
• High performance computing
• Hardware accelerator
• Network attached storage
• Storage area network (SAN) & host bus adapter
(HBA) card
• Network interface card (NIC)
• Desktop PC/motherboard

3 Description
The DS160PR810 is an eight channel low-power
high-performance linear redriver designed to support
PCIe 4.0 and Ultra Path Interface (UPI) 2.0 up to 16
Gbps. The device is a protocol agnostic linear redriver
that can operate for many differential interfaces.
The DS160PR810 receivers deploy continuous time
linear equalizers (CTLE) to provide a high-frequency
boost. The equalizer can open an input eye that is
completely closed due to inter-symbol interference
(ISI) induced by an interconnect medium, such as
PCB traces and cables. The linear redriver along with
the passive channel as a whole get link trained for
best transmit and receive equalization settings
resulting in best electrical link and lowest possible
latency. Low channel-channel cross-talk, low additive
jitter and excellent return loss allows the device to
become almost a passive element in the link. The
devices has internal linear voltage regulator to provide
clean power supply for high speed datapaths that
provides high immunity to any supply noise on the
board.
The DS160PR810 implements high speed testing
during production for reliable high volume
manufacturing. The device also has low AC and DC
gain variation providing consistant equalization in high
volume platform deployment.




Similar Part No. - DS160PR810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
DS160PR810NJXR TI-DS160PR810NJXR Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
DS160PR810NJXT TI-DS160PR810NJXT Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
More results


Similar Description - DS160PR810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
USB3.1 10 Gbps Dual-Channel Linear Redriver
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
DS160UP822 TI-DS160UP822 Datasheet
1Mb / 31P
DS160UP822 UPI 2.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
DS160PR412 TI-DS160PR412 Datasheet
3Mb / 37P
DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
logo
NXP Semiconductors
PTN3944 NXP-PTN3944 Datasheet
577Kb / 42P
Multi-channel PCIe 4.0 linear equalizer
Rev. 1.1 ??10 June 2021
logo
Texas Instruments
DS160PR1601 TI1-DS160PR1601 Datasheet
2Mb / 39P
DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
DS320PR1601 TI-DS320PR1601 Datasheet
2Mb / 44P
DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com