Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9616 Datasheet (PDF) - STMicroelectronics

L9616 Datasheet PDF - STMicroelectronics
Part # L9616
Download  L9616 Download
File Size   364.61 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive high speed CAN bus transceiver

L9616 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9616 Datasheet PDF - STMicroelectronics

Part # L9616
Download  L9616 Click to download

File Size   364.61 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive high speed CAN bus transceiver

L9616 Datasheet (HTML) - STMicroelectronics


L9616 Product details

Features
 AEC-Q100 qualified
 ISO/DIS 11898 up to 1 Mbaud
 Transmitter:
– Generation of differential output signals
– S hort circuit protected from -5 V to 36 V,
detection and shutdown
– Slope control to reduce RFI and EMI
– Two states adjustable slope control
(≤1 Mbaud / ≤250 Kbaud)
 Receiver:
– Differential input with high interference
suppression
– Common mode input voltage range (VCOM)
from -2 V to VS+3 V
 ESD protection level up to 4 kV
 Package: SO-8




Similar Part No. - L9616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
L9616 STMICROELECTRONICS-L9616 Datasheet
101Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Sep-2013
L9616-TR STMICROELECTRONICS-L9616-TR Datasheet
101Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Sep-2013
L9616D STMICROELECTRONICS-L9616D Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
More results


Similar Description - L9616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
logo
Infineon Technologies A...
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
logo
STMicroelectronics
L9616-TR STMICROELECTRONICS-L9616-TR Datasheet
101Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Sep-2013
logo
Infineon Technologies A...
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1 Datasheet
616Kb / 32P
Automotive High Speed CAN Transceiver
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
EMC-Optimized High-Speed CAN Bus Transceiver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com