Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9616 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9616
Description  Automotive high speed CAN bus transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9616 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9616 Datasheet HTML 3Page - STMicroelectronics L9616 Datasheet HTML 4Page - STMicroelectronics L9616 Datasheet HTML 5Page - STMicroelectronics L9616 Datasheet HTML 6Page - STMicroelectronics L9616 Datasheet HTML 7Page - STMicroelectronics L9616 Datasheet HTML 8Page - STMicroelectronics L9616 Datasheet HTML 9Page - STMicroelectronics L9616 Datasheet HTML 10Page - STMicroelectronics L9616 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID7425 Rev 3
7/17
L9616
Electrical specifications
16
3
Electrical specifications
3.1
Absolute maximum ratings
Note:
All voltages, except bus voltage, are defined with respect to pin 2.
Positive currents flow into the IC.
3.2
Electrical characteristics
TOP = -40 to 125 °C; VS = 4.5 to 5.5 V; Dominant: VTXO = GND; Recessive: VTXO = VS; All
voltages, except bus voltage, are defined with respect to pin 2. Positive currents flow into
the IC unless otherwise specified.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage
-0.3 to 7
V
VC_H, VC_L Bus voltage at C_H, C_L (VS = 0 to 5.5 V)
-5 to 36
V
IC_H, IC_L
Off state leakage current at C_H, C_L (VS = 0 to 5.5 V,
VC_H = -5 to 36 V, VC_L = -5 to 36 V)
-3 to 5
mA
VDC
DC voltage at TXO, ASC (VS = 0 to 5.5 V)
GND -0.3 to VS +0.3
V
IRXO
Output current at RXO (VS = 0 to 5.5 V)
-0.3 to 1
mA
Tstg, TJ
Storage and junction temperature range
-40 to 150
°C
Top
Operating temperature range
-40 to 125
°C
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
-
4.5
5
5.5
V
IS
Supply current
Dominant
-
-
80
mA
Recessive
-
-
20
mA
Transmitter Section (RA = 60 Ω between C_H and C_L)
CTXO
TXO input capacitance
0 V <
VTXO < VS
-25-pF
VTXO
TXO high level input voltage
-
0.7 VS
-VS
-
TXO low level input voltage
-
0
-
0.3
VS
-
ITXO
TXO high level input current
VTXO = VS
-2
0
2
μA
TXO low level input current
VTXO = GND
-275
0
-25
μA
CASC
ASC input capacitance
0 V < VASC < VS
-25-pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com