Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9616 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9616
Description  Automotive high speed CAN bus transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9616 Datasheet(HTML) 1 Page - STMicroelectronics

  L9616 Datasheet HTML 1Page - STMicroelectronics L9616 Datasheet HTML 2Page - STMicroelectronics L9616 Datasheet HTML 3Page - STMicroelectronics L9616 Datasheet HTML 4Page - STMicroelectronics L9616 Datasheet HTML 5Page - STMicroelectronics L9616 Datasheet HTML 6Page - STMicroelectronics L9616 Datasheet HTML 7Page - STMicroelectronics L9616 Datasheet HTML 8Page - STMicroelectronics L9616 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
June 2016
DocID7425 Rev 3
1/17
L9616
Automotive high speed CAN bus transceiver
Datasheet
- production data
Features
 AEC-Q100 qualified
 ISO/DIS 11898 up to 1 Mbaud
 Transmitter:
– Generation of differential output signals
– Short circuit protected from -5 V to 36 V,
detection and shutdown
– Slope control to reduce RFI and EMI
– Two states adjustable slope control
(≤1 Mbaud / ≤250 Kbaud)
 Receiver:
– Differential input with high interference
suppression
– Common mode input voltage range (VCOM)
from -2 V to VS+3 V
 ESD protection level up to 4 kV
 Package: SO-8
Description
The L9616 is a bidirectional transceiver for signal
conditioning and processing in connection with a
CAN controller. Data rates of up to 1 Mbaud are
supported using either shielded or non-shielded
pair of lines.
Table 1. Device summary
Order code
Package
Packing
L9616
SO-8
Tube
L9616-TR
SO-8
Tape & Reel
www.st.com


Similar Part No. - L9616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
L9616 STMICROELECTRONICS-L9616 Datasheet
101Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Sep-2013
L9616-TR STMICROELECTRONICS-L9616-TR Datasheet
101Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Sep-2013
L9616D STMICROELECTRONICS-L9616D Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
More results

Similar Description - L9616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
logo
Infineon Technologies A...
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
logo
STMicroelectronics
L9616-TR STMICROELECTRONICS-L9616-TR Datasheet
101Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Sep-2013
logo
Infineon Technologies A...
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
logo
Texas Instruments
TCAN1044-Q1 TI1-TCAN1044-Q1 Datasheet
616Kb / 32P
Automotive High Speed CAN Transceiver
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
EMC-Optimized High-Speed CAN Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com