Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9616 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9616
Description  Automotive high speed CAN bus transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9616 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9616 Datasheet HTML 6Page - STMicroelectronics L9616 Datasheet HTML 7Page - STMicroelectronics L9616 Datasheet HTML 8Page - STMicroelectronics L9616 Datasheet HTML 9Page - STMicroelectronics L9616 Datasheet HTML 10Page - STMicroelectronics L9616 Datasheet HTML 11Page - STMicroelectronics L9616 Datasheet HTML 12Page - STMicroelectronics L9616 Datasheet HTML 13Page - STMicroelectronics L9616 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Functional description
L9616
10/17
DocID7425 Rev 3
4
Functional description
The L9616 is used as an interface between a CAN controller and the physical bus. The
device provides transmitting capability to the CAN controller.
The transmitter outputs C_H and C_L are protected against short circuits and electrical
transients which may occur in an automotive environment.
In case of short circuit (C_H to C_L, C_H to B) the protection circuit recognizes this fault
condition and the transmitter output stages are disabled with a delay of max. 10 ms to
prevent destruction of the IC and high consumption of supply current IS. If VC_L > VC_L max
the transmitter output stages would be disabled immediately.
Pin ASC makes it possible to select two different modes of operation: high speed
(≤ 1 Mbaud) and low speed (≤ 250 kbaud).
The ASC pin is tied to GND for normal operation at ≤ 1 Mbaud. For slower speed operation
at ≤ 250 kbaud the rise and fall slope of the bus output can be decreased to reduce EMI by
connecting the ASC pin to VS.
Figure 3. Typical application
Table 6. Functional table
TXO
C_H
C_L
Bus state
RXO
L
H
L
Dominant
L
H or Floating
Floating VS/2
Floating VS/2
Recessive
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com