Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9616 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9616
Description  Automotive high speed CAN bus transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9616 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9616 Datasheet HTML 9Page - STMicroelectronics L9616 Datasheet HTML 10Page - STMicroelectronics L9616 Datasheet HTML 11Page - STMicroelectronics L9616 Datasheet HTML 12Page - STMicroelectronics L9616 Datasheet HTML 13Page - STMicroelectronics L9616 Datasheet HTML 14Page - STMicroelectronics L9616 Datasheet HTML 15Page - STMicroelectronics L9616 Datasheet HTML 16Page - STMicroelectronics L9616 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DocID7425 Rev 3
15/17
L9616
Package information
16
Table 7. SO-8 package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.75
-
-
0.0689
A1
0.1
-
0.25
0.0039
-
0.0098
A2
1.25
-
-
0.0492
-
-
b
0.28
-
0.48
0.0110
-
0.0189
c
0.17
-
0.23
0.0067
-
0.0091
D(2)
2. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusions or gate burrs shall not exceed 0.15mm in total (both side).
4.8
4.9
5
0.1890
0.1929
0.1969
E
5.8
6
6.2
0.2283
0.2362
0.2441
E1(3)
3. Dimension “E1” does not include inter-lead flash or protrusions.
Inter lead flash or protrusions shall not exceed 0.25mm per side.
3.8
3.9
4
0.1496
0.1535
0.1575
e
-
1.27
-
-
0.0500
-
h
0.25
-
0.5
0.0098
-
0.0197
L
0.4
-
1.27
0.0157
-
0.0500
L1
-
1.04
-
-
0.0409
-
k
-
-
8
-
-
0.3150
ccc
-
-
0.1
-
-
0.0039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com