Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet (PDF) - STMicroelectronics

SPSB081 Datasheet PDF - STMicroelectronics
Part # SPSB081
Download  SPSB081 Download
File Size   2777.34 Kbytes
Page   137 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive power management IC with LIN and CAN-FD

SPSB081 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPSB081 Datasheet PDF - STMicroelectronics

Part # SPSB081
Download  SPSB081 Click to download

File Size   2777.34 Kbytes
Page   137 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive power management IC with LIN and CAN-FD

SPSB081 Datasheet (HTML) - STMicroelectronics


SPSB081 Product details

Features
• AEC-Q100 qualified
• One 5 V (or 3.3 V for SPSB0813 and SPSB081C3) low drop voltage regulator
(V1) for microcontroller and peripheral supply
• One configurable 5 V or 3.3 V, selectable via SPI, low drop voltage regulator V2
tracker for V1 and with off-board protection
• Minimum current limitation of 450 mA for V1 and 400 mA for V2
• No electrolytic capacitor required on regulator outputs
• Very low quiescent current in standby modes (typ. 15 μA)
• Programmable reset generator for power-on and undervoltage
• Configurable window watchdog
• LIN transceivers ISO 17987-4/2016 compliant (only for SPSB0815 and
SPSB0813)
• CAN-FD transceiver (ISO 11898-2/2016, SAE J2284 compliant) with local failure
and bus failure diagnosis
• Complete 2-channel contact monitoring interface (WU1 and WU2 input pins)
with programmable cyclic sense functionality. WU2 also with DIR functionality
• Programmable periodic system wake-up feature
• STM standard serial peripheral interface (32Bit/ST-SPI)
• 4 HS drivers for 0.14 A (RON = 7 Ω) suitable to drive external LED modules with
high input capacitance value or to also supply external contacts
• Internal 10-bit PWM timer for each standalone high-side driver
• Buffered supply for all voltage regulators
• DIAGN output pin for fail-safe signalization
• Current monitor output for all internal high-side drivers
• Open-load diagnosis for all outputs
• Overcurrent protection for all outputs
• V1 overvoltage detection and protection
• Device contains temperature warning and protection
• Thermal cluster
• Limited documentation available for customers that need support when dealing
with ASIL requirements as per ISO 26262




Similar Part No. - SPSB081

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
SPSB0813 STMICROELECTRONICS-SPSB0813 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
SPSB0813-TR STMICROELECTRONICS-SPSB0813-TR Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
SPSB0813-TR STMICROELECTRONICS-SPSB0813-TR Datasheet
1Mb / 16P
10BASE-T1S MAC-PHY evaluation board
16-Dec-2024
SPSB0815 STMICROELECTRONICS-SPSB0815 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
More results


Similar Description - SPSB081

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
STMicroelectronics
L99PM62XP STMICROELECTRONICS-L99PM62XP Datasheet
1Mb / 98P
Power management IC with LIN and high speed CAN
29-Nov-2011
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
Automotive Fault Protected CAN Transceiver with CAN FD
logo
Keysight Technologies
N8803C KEYSIGHT-N8803C Datasheet
1Mb / 10P
CAN, LIN, FlexRay, and CAN-FD Protocol
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
Automotive Fault Protected CAN Transceiver with CAN FD
logo
Rohm
BD41044FJ-C ROHM-BD41044FJ-C Datasheet
1Mb / 26P
CAN FD Transceiver for Automotive
logo
NXP Semiconductors
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
logo
STMicroelectronics
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com