Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 5Page - STMicroelectronics SPSB081 Datasheet HTML 6Page - STMicroelectronics SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics SPSB081 Datasheet HTML 10Page - STMicroelectronics SPSB081 Datasheet HTML 11Page - STMicroelectronics SPSB081 Datasheet HTML 12Page - STMicroelectronics SPSB081 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 137 page
background image
Symbol
Parameter
Condition
Min Typ
Max
Unit
VDIAGN
Logic output
-
-0.3
-
V1 + 0.3
V
VTXDC
Logic input
-
-0.3
-
V1 + 0.3
V
VTXDL
Logic input
-
-0.3
-
V1 + 0.3
V
VDEBUG
Debug input pin voltage range
-
-0.3
-
V1 + 0.3
V
VWU1
DC wake-up input voltage
-
-0.3
-
VSREG + 0.3
V
VDIR/WU2
DC wake-up input voltage
-
-0.3
-
VSREG + 0.3
V
VLIN
LIN bus I/O voltage range
-
-27
-
40
V
IINPUT
Current injection into Vs related input pins
-
-
20
-
mA
IOUT_INJ
Current injection into vs related outputs
-
-
20
-
mA
VCANSUP
CAN supply
-
-0.3
-
5.25
V
VCANH
CAN bus I/O voltage range
-
-27
-
40
V
VCANL
CAN bus I/O voltage range
-
-27
-
40
V
VCANH - VCANL
Differential CAN-Bus voltage
-
-5
-
10
V
VOUT1
Output voltage
-
-0.3
-
VS + 0.3
V
VOUT2
Output voltage
-
-0.3
-
VS + 0.3
V
VOUT3
Output voltage
-
-0.3
-
VS + 0.3
V
VOUT4
Output voltage
-
-0.3
-
VS + 0.3
V
IVS
Maximum cumulated current at VS drawn by
OUT1; OUT2; OUT3; OUT4
-
-1.25
-
1.25
A
IVSREG
Maximum cumulated current at VSREG drawn
by LDO1; LDO2; LIN; CAN at wake-up
-
-1.25
-
1.25
A
IOUT1
Output current(2)
-
-1.25
-
1.25
A
IOUT2
Output current(2)
-
-1.25
-
1.25
A
IOUT3
Output current(2)
-
-1.25
-
1.25
A
IOUT4
Output current(2)
-
-1.25
-
1.25
A
ISGND
Maximum current at SGND(2)
-
-1.25
-
1.25
A
IPGND
Maximum current at PGND(2)
-
-1.25
-
1.25
A
GND pins
PGND versus SGND
-
-0.3
-
0.3
V
1. SPSB081 is protected against V2 shorted to VSREG and V2 reverse biasing when VSREG is higher than 3.5 V.
2. Values for the absolute maximum DC current through the bond wires. This value does not consider maximum power
dissipation or other limits.
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may cause an irreversible
damage of the integrated circuit!
Loss of ground or ground shift with externally grounded loads: ESD structures are configured for nominal currents
only. If external loads are connected to different grounds, the current load must be limited to this nominal current.
Table 3. ESD protection
Item
Parameter
Condition
Values
Unit
Pins
All pins
HBM (1)
±2
kV
Power output pin
OUT1
HBM(2)
±4
kV
SPSB081
Absolute maximum ratings
DS14048 - Rev 3
page 9/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com