Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 26Page - STMicroelectronics SPSB081 Datasheet HTML 27Page - STMicroelectronics SPSB081 Datasheet HTML 28Page - STMicroelectronics SPSB081 Datasheet HTML 29Page - STMicroelectronics SPSB081 Datasheet HTML 30Page - STMicroelectronics SPSB081 Datasheet HTML 31Page - STMicroelectronics SPSB081 Datasheet HTML 32Page - STMicroelectronics SPSB081 Datasheet HTML 33Page - STMicroelectronics SPSB081 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 137 page
background image
•
If VCANSUP < VCANSUPLOW then after the filter time tCANSUPVALID
–
CAN_SUP_LOW flag is set to 1
–
CAN bus is biased by internal regulator
–
The transmitter is disabled
•
When VCANSUP pin > VCANSUPVALID then after the filter time tCANSUPVALID
–
CAN_SUP_LOW flag can be cleared
–
CAN bus is biased by VCANSUP pin
–
The transmitter is enabled.
When VCANSUP is connected to V2, and V2 is OFF during standby mode, the CAN_SUP_LOW flag is triggered
when the device wakes up and goes back in ACTIVE mode.
When VCANSUP is connected to V1, and the device is put in VBAT_standby mode, the CAN_SUP_LOW flag is
triggered when the device wakes up and goes back in ACTIVE mode.
Figure 19. CANFD transceiver supply
SPSB081
CAN FD bus transceiver
DS14048 - Rev 3
page 30/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com