Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 77 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 73Page - STMicroelectronics SPSB081 Datasheet HTML 74Page - STMicroelectronics SPSB081 Datasheet HTML 75Page - STMicroelectronics SPSB081 Datasheet HTML 76Page - STMicroelectronics SPSB081 Datasheet HTML 77Page - STMicroelectronics SPSB081 Datasheet HTML 78Page - STMicroelectronics SPSB081 Datasheet HTML 79Page - STMicroelectronics SPSB081 Datasheet HTML 80Page - STMicroelectronics SPSB081 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 137 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
Item
Tested by scan
Vin L
Input low level
V1 = 5 V
1.0 1.45
-
V
B.007
Vin H
Input low level
V1 = 5 V
-
1.8
2.3
V
B.008
Vin Hyst Input hysteresis
V1 = 5 V
0.2
0.4
-
V
B.009
I in
Pull down current at input
Vin = 1 V
5
30
60
µA
B.010
Cin(1)
Input capacitance at input CSN,
CLK, DI and PWM1,2
0 V < V1 < 5.3 V
-
10
15
pF
B.011
fCLK
SPI input frequency at CLK
Tested by scan
-
-
10
MHz B.012
1. Value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 57. DI, CLK and CSN timing
Symbol
Parameter
Condition
Min Typ Max Unit
Item
tCLK
Clock period
V1 = 5 V; tested by scan
100
-
-
ns
B.013
tCLKH
Clock high time
V1 = 5 V
40
-
-
ns
B.014
tCLKL
Clock low time
V1 = 5 V
40
-
-
ns
B.015
tset CSN CSN setup time, CSN low before rising edge of CLK
V1 = 5 V
150
-
-
ns
B.016
tset CLK CLK setup time, CLK high before rising edge of CSN
V1 = 5 V
150
-
-
ns
B.017
tset DI
DI setup time
V1 = 5 V
25
-
-
ns
B.018
thold DI
DI hold time
V1 = 5 V
25
-
-
ns
B.019
tr in
Rise time of input signal DI, CLK, CSN
V1 = 5 V(1)
-
-
25
ns
B.020
tf in
Fall time of input signal DI, CLK, CSN
V1 = 5 V(1)
-
-
25
ns
B.021
1. Guaranteed by design.
Table 58. Output: DO
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VDOL
Output low level
V1 = 5 V, IDO = -4 mA
-
-
0.5
V
B.022
VDOH
Output high level
V1 = 5 V, IDO = 4 mA
V1-0.5
-
-
V
B.023
IDOLK
Tristate leakage current
VCSN = V1, 0V < VDO <´V1
-10
-
10
μA
B.024
CDO(1)
Tristate input capacitance
VCSN = V1, 0 V < V1 < 5.3 V
-
10
15
pF
B.025
1. Guaranteed by design.
Table 59. DO timing
Symbol
Parameter
Condition
Min Typ Max Unit
Item
tr DO(1)
DO rise time
CL = 50 pF, Iload = -1 mA
-
-
25
ns
B.026
tf DO(1)
DO fall time
CL = 50 pF, Iload = 1 mA
-
-
25
ns
B.027
ten DO tri L(1)
DO enable time
from tristate to low level
CL = 50 pF, Iload = 1 mA
Pull-up load to V1
-
50
100
ns
B.028
tdis DO L tri(1) DO disable time from low level to 3-state
CL = 50 pF, Iload = 4 mA
Pull-up load to V1
-
50
100
ns
B.029
SPSB081
SPI
DS14048 - Rev 3
page 77/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com