Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 56Page - STMicroelectronics SPSB081 Datasheet HTML 57Page - STMicroelectronics SPSB081 Datasheet HTML 58Page - STMicroelectronics SPSB081 Datasheet HTML 59Page - STMicroelectronics SPSB081 Datasheet HTML 60Page - STMicroelectronics SPSB081 Datasheet HTML 61Page - STMicroelectronics SPSB081 Datasheet HTML 62Page - STMicroelectronics SPSB081 Datasheet HTML 63Page - STMicroelectronics SPSB081 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 137 page
background image
5.6
DIAGN output
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
4 V ≤ VS ≤ 28 V; 4 V ≤ VSREG ≤ 28 V; TJ = from -40 °C to 150 °C, unless otherwise specified.
Table 33. DIAGN output
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VDIAGN
DIAGN pin low output voltage
V1 > 1V, IDIAGN = 5 mA
-
0.2
0.4
V
C.037
RDIAGN
DIAGN pulls up int. resistor
-
10
25
40
kΩ
C.038
5.7
Watchdog
For further information, see Section 3.6 Configurable window watchdog.
4.5 V ≤ VS ≤ 28 V; 4.5 V ≤ VSREG ≤ 28 V; TJ = from -40 °C to 150 °C, unless otherwise specified.
Table 34. Watchdog
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
tLW
Long open window
Tested by scan
240
300
360
ms
A.022
TEFW1
Early failure window 1
Tested by scan
-
-
4.5
ms
A.023
TLFW1
Late failure window 1
Tested by scan
20
-
-
ms
A.024
TSW1
Safe window 1
Tested by scan
7.5
-
12
ms
A.025
TEFW2
Early failure window 2
Tested by scan
-
-
22.3
ms
A.026
TLFW2
Late failure window 2
Tested by scan
100
-
-
ms
A.027
TSW2
Safe window 2
Tested by scan
37.5
-
60
ms
A.028
SPSB081
DIAGN output
DS14048 - Rev 3
page 60/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com