Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 51Page - STMicroelectronics SPSB081 Datasheet HTML 52Page - STMicroelectronics SPSB081 Datasheet HTML 53Page - STMicroelectronics SPSB081 Datasheet HTML 54Page - STMicroelectronics SPSB081 Datasheet HTML 55Page - STMicroelectronics SPSB081 Datasheet HTML 56Page - STMicroelectronics SPSB081 Datasheet HTML 57Page - STMicroelectronics SPSB081 Datasheet HTML 58Page - STMicroelectronics SPSB081 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 137 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit Item
Current consumption for
wake-up inputs
Wake-up on
NO CAN
NO LIN
No activity on wake-up pins
TJ = 25 °C
µA
IV(VBAT_WU,85)(3)(4)
VBAT_standby
Voltage regulator V2 disabled
Wake-up on
NO CAN
NO LIN
No activity on wake-up pins
TJ = 85 °C
-
0.7
2.5
A.062
IV(CANWU,25)(3)(4)
Current consumption for
CAN wake capability
(silenced expired)
Standby modes
CAN wake-up = ON
WK = OFF
Voltage regulator V2 disabled
TJ = 25 °C
-
10
15
µA
A.063
IV(CANWU 85)(3)(4)
Standby modes
CAN wake-up = ON
WK = OFF
Voltage regulator V2 disabled
Tj = 85 °C
-
10
15
A.064
ICAN, rec(4)
Current consumption for
CAN, recessive state
Active mode or V1 standby mode
CAN = ON
VCANSUP = 5 V
VTXDC = 5 V
No external resistance on CAN
4
7
10
mA A.065
ICAN, dom(4)
Current consumption for
CAN, dominant state
Active mode or V1 standby mode
CAN = ON
VCANSUP = 5 V
VTXDC = GND
No external resistance on CAN
7
10
13
mA A.066
ICAN, rom(4)
Current consumption for
CAN, receive only mode
Active mode or V1 standby mode
CAN in receive mode
VCANSUP = 5 V
VTXDC = 5 V
No external resistance on CAN
4
6
9
mA A.067
IV(VBAT_LINWU,25)(3) Current consumption for
LIN wake capability
VBAT_standby
LIN wake-up = ON
WK = OFF
CAN = OFF
TJ = 25 °C
-
15
25
µA
A.068
IV(VBAT_LINWU,85)(3)
VBAT_standby
-
20
30
A.069
SPSB081
Electrical characteristics
DS14048 - Rev 3
page 55/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com