Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 27Page - STMicroelectronics SPSB081 Datasheet HTML 28Page - STMicroelectronics SPSB081 Datasheet HTML 29Page - STMicroelectronics SPSB081 Datasheet HTML 30Page - STMicroelectronics SPSB081 Datasheet HTML 31Page - STMicroelectronics SPSB081 Datasheet HTML 32Page - STMicroelectronics SPSB081 Datasheet HTML 33Page - STMicroelectronics SPSB081 Datasheet HTML 34Page - STMicroelectronics SPSB081 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 137 page
background image
3.12.3
CAN transceiver operating modes
Figure 20. Transceiver state diagram
TRX normal mode
Full functionality of the CAN-FD transceiver is available (transmitter and receiver) and the automatic voltage
biasing is enabled.
State transitions from TRX normal mode to VBAT_Standby mode and V1_Standby mode are possible. No
interrupt is generated in this mode.
CAN TRX STBY mode
The CAN-Transmitter is disabled in this mode and the RxD_C pin is kept at high (recessive) level. CAN-Receiver
is capable of detecting a wake-up pattern (WUP). In V1_standby mode and VBAT_Standby mode, a WUP is
indicated to the microcontroller by an interrupt signal.
There is no automatic state transition into TRX normal mode in case of a detected CAN wake up signal (WUP).
In active mode, the microcontroller can initiate a state transition into TRX normal mode by setting the SPI bit
CAN_ACT to '1' and can start communication after TBias.
Moreover, in this mode two further submodes are possible (“Bias ON” or “Bias OFF”), depending on
CAN_AUTO_BIAS bit (compliant with ISO 11898-2:2016) or timeout conditions. In any case, when entering CAN
TRX STBY mode, transition is always to the state “Bias ON”.
3.12.4
CAN error handling
The devices provide the following four error handling features.
After power-on reset (VSREG > VPOR), the CAN transceiver is disabled. The transceiver is enabled by setting
CAN_ACT = 1.
The CAN transmitter is disabled automatically in case of the following errors:
SPSB081
CAN FD bus transceiver
DS14048 - Rev 3
page 31/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com