Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 35Page - STMicroelectronics SPSB081 Datasheet HTML 36Page - STMicroelectronics SPSB081 Datasheet HTML 37Page - STMicroelectronics SPSB081 Datasheet HTML 38Page - STMicroelectronics SPSB081 Datasheet HTML 39Page - STMicroelectronics SPSB081 Datasheet HTML 40Page - STMicroelectronics SPSB081 Datasheet HTML 41Page - STMicroelectronics SPSB081 Datasheet HTML 42Page - STMicroelectronics SPSB081 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 137 page
background image
3.20
Temperature warning and shutdown
If any of the cluster junction temperatures rises above the temperature warning threshold (TW ON), a temperature
warning flag is set after the temperature warning filter time (tFTJTW) and can be read via SPI. If the junction
temperature increases above the temperature shutdown threshold (TSD1 OFF), the thermal shutdown bit is set
and the power transistors of all output stages are switched off to protect the device after the thermal shutdown
filter time. The temperature warning and thermal shutdown flags are latched and must be cleared by the
microcontroller. This is done by a read and clear command on the relevant status register (TSD1 is bit 4 in
status register 1 while TW is bit 8 in status register 2).
After these bits have been cleared, the output stages are reactivated. If the temperature is still above the thermal
warning threshold, the thermal warning bit is set after tFTJTW. Once this bit is set and the temperature is above the
temperature shutdown threshold, temperature shutdown is detected after tFTJTW and the outputs are switched off.
Therefore, the minimum time after which the outputs are switched off after the bits have been cleared in case the
temperature is still above the thermo shutdown threshold is twice the thermo warning/shutdown filter time tFTJTW.
3.21
Thermal clusters
To provide an advanced on-chip temperature control, the power outputs are grouped in four clusters with
dedicated thermal sensors. The sensors are suitably located on the device. In case the temperature of a cluster
reaches the thermal shutdown threshold, the outputs assigned to this cluster are shut down (all other outputs
remain active). Each output cluster has a dedicated temperature warning and shutdown flag (SR7 and SR8).
Hence, the thermal cluster concept identifies a group of outputs in which one or more channels are in overload
condition.
If thermal shutdown has occurred within an output cluster, or if temperature is rising within a cluster, it may be
desired to identify which of the output(s) is (are) determining the temperature increase.
Thermal clusters can be configured using bit TSD_CLUSTER_EN (CR20):
Standard mode (default): as soon as any cluster reaches thermal threshold the device is switched off. V1
regulator remains on and is switched off reaching TSD2. All the thermal sensors are put in “OR”.
In fact, if one of these sensors reaches TSD1:
All outputs drivers and V2 are turned OFF.
V1 remains on until TSD2.
LIN and CAN transmitter are turned OFF (but they are forced in "receive only" mode).
Cluster mode: only the cluster, which reached shutdown temperature is switched off.
In case cluster Th_CL1 reaches TSD1:
V1 remains ON until TSD2
In case cluster Th_CL4 reaches TSD1.
All outputs drivers and V2 are turned OFF.
V1 remains on until TSD2.
LIN and CAN transmitter are turned OFF (but they are forced in "receive only" mode).
SPSB081
Temperature warning and shutdown
DS14048 - Rev 3
page 39/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com