Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 13Page - STMicroelectronics SPSB081 Datasheet HTML 14Page - STMicroelectronics SPSB081 Datasheet HTML 15Page - STMicroelectronics SPSB081 Datasheet HTML 16Page - STMicroelectronics SPSB081 Datasheet HTML 17Page - STMicroelectronics SPSB081 Datasheet HTML 18Page - STMicroelectronics SPSB081 Datasheet HTML 19Page - STMicroelectronics SPSB081 Datasheet HTML 20Page - STMicroelectronics SPSB081 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 137 page
background image
To prevent the system from a deadlock condition (no wake-up from standby possible) a configuration where all
wake-up is disabled, is not allowed.
Accordingly, if the following condition is set by SPI:
•
CAN_WU_EN = 0
•
LIN_WU_EN = 0
•
WU1_EN = 0
•
WU2_EN = 0
The effect is to put all these register bits in their default condition:
•
CAN_WU_EN = 1
•
LIN_WU_EN = 1
•
WU1_EN = 1
•
WU2_EN = 1
For SPSB081C devices (without LIN), at least one of these WU sources has to be kept (CAN, WU1 or WU2).
All wake-up sources are configured to default values in case of such invalid setting. The SPI error bit (SPIE) in the
global status register is set.
3.4.1
Wake-up inputs
The WU1 and WU2 inputs can be configured as wake-up sources. Each wake-up input is sensitive to any
level transition (positive and negative edge) and can be configured for static or cyclic monitoring of the input
voltage level by suitable setting of CR1 [8..11] bits (WUx_FILT_0 and WUx_FILT_1) which allows to choose the
monitoring among static, cyclic with timer 1 or cyclic with timer 2. When the configuration of a timer is changed,
the timer is automatically restarted using the new configuration.
For static contact monitoring, a filter time of tWU_STAT is implemented. The filter is started when the input voltage
passes the specified threshold VWUTHP. Wake-up status bit (WUx_STATE bit in SR5 [18..19]) is set only if this
threshold is passed for more than tWU_STAT.
Cyclic contact monitoring, conceived to reduce the quiescent current of the device, allows instead periodical (not
threshold dependent) activation of the wake-up input to read the status of the external contact. The periodical
activation is driven by timer 1 or timer 2 whose settings (on-time and period) can be configured through CR2
[8..13] and [16..21] bits (Tx_PER_y and Tx_ON_y bit). The input signal is filtered with a filter time of tWU_CYC
after a delay (80% of the configured timer on-time). A wake-up will be processed if the status has changed versus
the previous cycle, therefore wake-up status bit (WUx_STATE bit in SR5 [18..19]) is set only if status during
consecutive on-time is different, after the configured delay and tWU_CYC.
The buffered outputs OUT1, OUT2, OUT3, and OUT4 can be used to supply the external contacts with the timer
setting according to the cyclic monitoring of the wake-up input.
SPSB081
Wake-up from standby modes
DS14048 - Rev 3
page 17/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com