Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 83 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 79Page - STMicroelectronics SPSB081 Datasheet HTML 80Page - STMicroelectronics SPSB081 Datasheet HTML 81Page - STMicroelectronics SPSB081 Datasheet HTML 82Page - STMicroelectronics SPSB081 Datasheet HTML 83Page - STMicroelectronics SPSB081 Datasheet HTML 84Page - STMicroelectronics SPSB081 Datasheet HTML 85Page - STMicroelectronics SPSB081 Datasheet HTML 86Page - STMicroelectronics SPSB081 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 137 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
T6
Timer period
Tested by scan
-
500
-
ms
F.016
T7
Timer period
Tested by scan
-
1000
-
ms
F.017
T8
Timer period
Tested by scan
-
2000
-
ms
F.018
5.19
SGND loss comparator
TJ = from -40 °C to 150 °C, unless otherwise specified.
Table 64. SGND loss comparator
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VSGNDloss
Input voltage low level
VSREG = 13.5 V
200
400
600
mV
A.052
tSGNDloss
Filter time
VSREG = 13.5 V
Tested by scan
-
7
-
µs
A.053
SPSB081
SGND loss comparator
DS14048 - Rev 3
page 83/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com