Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 82 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 78Page - STMicroelectronics SPSB081 Datasheet HTML 79Page - STMicroelectronics SPSB081 Datasheet HTML 80Page - STMicroelectronics SPSB081 Datasheet HTML 81Page - STMicroelectronics SPSB081 Datasheet HTML 82Page - STMicroelectronics SPSB081 Datasheet HTML 83Page - STMicroelectronics SPSB081 Datasheet HTML 84Page - STMicroelectronics SPSB081 Datasheet HTML 85Page - STMicroelectronics SPSB081 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 137 page
background image
5.16
Debug input
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin.
6V ≤ VSREG ≤ 18 V, TJ = from -40 °C to 150 °C, unless otherwise specified.
Table 61. Debug input
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VdiL
Input voltage low level
V1 = 3.3 V; 5 V
1
1.45
-
V
A.043
VdiH
Input voltage high level
V1 = 3.3 V; 5 V
-
1.8
2.3
V
A.044
VdiHYS
Input hysteresis
V1 = 3.3 V; 5 V
0.2
0.4
-
V
A.045
Rin
Pull-down resistor
-
13
29
45
kΩ
A.046
5.17
Interrupt output
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin.
6 V ≤ VSREG ≤ 18 V, TJ= from -40 °C to 150 °C, unless otherwise specified.
Table 62. Interrupt output
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VINTL
Output low level
V1 = 3.3 V
5 V, IINT = -4 mA
-
0.2
0.5
V
A.047
VINTH
Output high level
V1 = 3.3 V
5 V, IINT = 4 mA
V1 - 0.5
V1 - 0.2
-
V
A.048
IINTLK
Tristate leakage current
0 V < VINT < V1
-10
-
10
μA
A.049
tInterrupt
Interrupt pulse duration (RxD_L)
Tested by scan
42
56
70
μs
A.050
RNINT
NINT pull up int. resistor
-
10
25
40
kΩ
A.074
5.18
Timer1 and Timer2
6 V ≤ VSREG ≤ 18 V, Tj = from -40 °C to 150 °C, unless otherwise specified.
Table 63. Timer1 and Timer2 values
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
ton1
Timer on time
Tested by scan
-
0.1
-
ms
F.006
ton2
Timer on time
Tested by scan
-
0.3
-
ms
F.007
ton3
Timer on time
Tested by scan
-
1
-
ms
F.008
ton4
Timer on time
Tested by scan
-
10
-
ms
F.009
ton5
Timer on time
Tested by scan
-
20
-
ms
F.010
T1
Timer period
Tested by scan
-
10
-
ms
F.011
T2
Timer period
Tested by scan
-
20
-
ms
F.012
T3
Timer period
Tested by scan
-
50
-
ms
F.013
T4
Timer period
Tested by scan
-
100
-
ms
F.014
T5
Timer period
Tested by scan
-
200
-
ms
F.015
SPSB081
Debug input
DS14048 - Rev 3
page 82/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com