Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 59Page - STMicroelectronics SPSB081 Datasheet HTML 60Page - STMicroelectronics SPSB081 Datasheet HTML 61Page - STMicroelectronics SPSB081 Datasheet HTML 62Page - STMicroelectronics SPSB081 Datasheet HTML 63Page - STMicroelectronics SPSB081 Datasheet HTML 64Page - STMicroelectronics SPSB081 Datasheet HTML 65Page - STMicroelectronics SPSB081 Datasheet HTML 66Page - STMicroelectronics SPSB081 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 137 page
background image
5.9
Outputs OUT1..OUT4
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin.
6 V ≤ VS ≤ 18 V, all outputs open: TJ = from -40 °C to 150 °C, unless otherwise specified.
Table 36. Outputs OUT1..OUT4
Symbol
Parameter
Condition
Min Typ Max Unit Item
rON OUT1,2,3,4_25
On-resistance to supply
VS = 13. 5 V, Tamb = +25 °C
IOUT1,2,3,4 = - 60 mA
-
7
9
Ω
D.001
rON OUT1,2,3,4_125
VS = 13.5 V, Tamb = +125 °C
IOUT1,2,3,4 = - 60 mA
-
14
20
Ω
D.002
IQLH_stdby
Switched-off output current high side drivers
of OUT1..4(1)
VOUT = 0 V, standby mode
-5
-
-
µA
D.003
IQLH_stdby_act
VOUT = 0 V, active mode
-10
-
-
µA
D.004
1. Negative value: leakages internally sink from driver output pin to internal IC ground positive value: leakage sourced from
internal driver output pin to external ground.
5.10
Power outputs switching times
Table 37. Power outputs switching times
Symbol
Parameter
Condition
Min Typ Max Unit
Item
td OFF H
Output delay time
high-side driver OFF (OUT1,2,3,4) (delay
between CSN 50 % to OUT at 20% of VS)
(see Figure 39)
VS = 13.5 V
V1 = 5 V
Rload = 128 Ω
20
-
140
µs
D.005
td ON H
Output delay time
high-side driver ON (OUT1,2,3,4) (delay
between CSN 50% to OUT at 80% of VS)
(see Figure 39)
VS= 13.5 V
V1 = 5 V
Rload = 128 Ω
10
-
60
µs
D.006
dVOUT/dt Slew rate for drivers OUT1..4
VS = 13.5 V(1)(2)
0.1 0.2
0.5 V/µs D.007
fPWM1
PWM switching frequency
VS/VSREG = 13.5 V; tested by scan
-
125
-
Hz
D.008
fPWM2
PWM switching frequency
VS/VSREG = 13.5 V; tested by scan
-
250
-
Hz
D.009
DC
SPI configurable duty cycle for OUT1..4
0.1% steps; tested by scan
0.1
-
100
%
D.010
1. RLOAD = 128 Ω at OUT1,2,3 ,4, in high on-resistance mode.
2. Slope dVOUT/dt is measured between 20% and 80% of the final output voltage value.
SPSB081
Outputs OUT1..OUT4
DS14048 - Rev 3
page 63/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com