Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 43Page - STMicroelectronics SPSB081 Datasheet HTML 44Page - STMicroelectronics SPSB081 Datasheet HTML 45Page - STMicroelectronics SPSB081 Datasheet HTML 46Page - STMicroelectronics SPSB081 Datasheet HTML 47Page - STMicroelectronics SPSB081 Datasheet HTML 48Page - STMicroelectronics SPSB081 Datasheet HTML 49Page - STMicroelectronics SPSB081 Datasheet HTML 50Page - STMicroelectronics SPSB081 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 137 page
background image
4.2.2.7
Data-out payload
The payload (data bytes 1 to 3) is the data transferred from the slave device with every SPI communication to
the master device. The payload always follows the OpCode and the address bits of the actual shifted in data
(in-frame-response).
4.3
Address definition
Table 15. Device application access
Operating code
OC1
OC0
0
0
0
1
1
0
Table 16. RAM address range
RAM address
Description
Access
3FH
Configuration register
R/W
38H
Status register 8
R/C
…
…
-
32H
Status register 2
R/C
31H
Status register 1
R/C
…
…
-
22H
Control register 34
R/W
18H
Control register 24
R/W
…
…
-
02H
Control register 2
R/W
01H
Control register 1
R/W
00H
Reserved
-
Table 17. Device information read access
Operating code
OC1
OC0
1
1
Table 18. ROM address range
ROM address
Description
Access
3FH
<Advanced Op.>
W
3EH
<GSB options>
R
…
-
-
20H
<SPI CPHA test>
R
16H
<WD bit pos. 4>
R
SPSB081
Address definition
DS14048 - Rev 3
page 47/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com