Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 25Page - STMicroelectronics SPSB081 Datasheet HTML 26Page - STMicroelectronics SPSB081 Datasheet HTML 27Page - STMicroelectronics SPSB081 Datasheet HTML 28Page - STMicroelectronics SPSB081 Datasheet HTML 29Page - STMicroelectronics SPSB081 Datasheet HTML 30Page - STMicroelectronics SPSB081 Datasheet HTML 31Page - STMicroelectronics SPSB081 Datasheet HTML 32Page - STMicroelectronics SPSB081 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 137 page
background image
3.11.3.1
Pattern wake-up (default)
Figure 18. Wake-up behavior according to LIN ISO 17987-4/2016
3.11.3.2
Status change wake-up - Recessive-to-dominant
Normal wake-up can occur when the LIN transceiver was set in standby mode while LIN was in recessive (high)
state. A dominant level at LIN for tLINBUS switches the device to active mode.
3.11.3.3
Status change wake-up - Dominant-to-recessive
If the LIN transceiver was set in standby mode while LIN was in dominant (low) state, recessive level at LIN for
tLINBUS, switches the device to active mode.
3.12
CAN FD bus transceiver
3.12.1
Features
•
ISO 11898-2:2016 compliant
•
CAN-FD cell has been designed according to “Hardware requirements for transceivers (version 1.3)”
•
Listen mode (transmitter disabled)
•
SAE J2284 compliant
•
Supported bit rates of at least 2 Mb/s for operation (5 Mb/s max bit rate)
•
Function range from -27 V to +40 V DC at CAN pins.
•
GND disconnection fail-safe at module level.
•
GND shift operation at system level.
•
Microcontroller interface with CMOS compatible I/O pins.
•
ESD and transient immunity according to ISO7637 and EN/IEC61000-4-2
•
Matched output slopes and propagation delay
3.12.2
CAN transceiver supply
The two low drops out voltage regulators (V1 and V2) are able to supply the CAN FD transceiver when configured
as a 5 V LDO (see Table 6).
CAN FD supply is monitored, only in active mode, assuring the properly rail:
SPSB081
CAN FD bus transceiver
DS14048 - Rev 3
page 29/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com