Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 2 Page - STMicroelectronics

  SPSB081 Datasheet HTML 1Page - STMicroelectronics SPSB081 Datasheet HTML 2Page - STMicroelectronics SPSB081 Datasheet HTML 3Page - STMicroelectronics SPSB081 Datasheet HTML 4Page - STMicroelectronics SPSB081 Datasheet HTML 5Page - STMicroelectronics SPSB081 Datasheet HTML 6Page - STMicroelectronics SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 137 page
background image
•
Tailgate modules
•
Door modules
•
Light control modules
•
Gear shifters
•
Steering column
•
Fuel pump
Description
The SPSB081 is a power management system IC providing electronic control
modules with enhanced power management functionality, including various standby
modes to minimize the power consumption with programmable local and remote
wake-up capability, as well as LIN (only for SPSB0815 and SPSB0813) and CAN
FD physical communication layers. The device has one low-drop voltage regulator
to supply the system microcontroller and one voltage tracker to supply external
peripheral loads such as sensors. V1 is available with a fixed rail (5 V or 3.3 V)
and V1 overvoltage detection and protection solution, while V2 is a tracker voltage
regulator of V1, programmable by SPI with 5 V or 3.3 V. Moreover, the device
features four high-side drivers to supply LEDs and sensors. All outputs are short-
circuit (SC) protected and implement open-load diagnosis. The ST standard SPI
interface allows control and diagnosis of the device and enables generic software
development.
SPSB081
DS14048 - Rev 3
page 2/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com