Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 53Page - STMicroelectronics SPSB081 Datasheet HTML 54Page - STMicroelectronics SPSB081 Datasheet HTML 55Page - STMicroelectronics SPSB081 Datasheet HTML 56Page - STMicroelectronics SPSB081 Datasheet HTML 57Page - STMicroelectronics SPSB081 Datasheet HTML 58Page - STMicroelectronics SPSB081 Datasheet HTML 59Page - STMicroelectronics SPSB081 Datasheet HTML 60Page - STMicroelectronics SPSB081 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 137 page
background image
1. 1 MHz clock is used in standby mode. 16 MHz clock is used in active mode.
2. The clock frequency is further reduced in standby mode to sustain a very low quiescent current.
5.2
Power-on reset (VSREG)
All outputs open: TJ = from -40 °C to 150 °C, unless otherwise specified.
Table 29. Power-on reset
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VPOR_R
VPOR threshold
VSREG rising
-
3.45
4.5
V
A.020
VPOR_F
VPOR threshold
VSREG falling(1)
2.3
-
3.55
V
A.021
1. This threshold is valid if VSREG has already reached VPOR_R(max) previously.
5.3
Voltage regulator V1
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin.
4.5 ≤ VS ≤ 28 V; 4.5V ≤ VSREG ≤ 28 V; Tj = from -40 °C to 150 °C, unless otherwise specified.
The same parameter values in both 5 V and 3.3 V conditions apply unless otherwise specified.
Table 30. Voltage regulator V1
Symbol
Parameter
Condition
Min Typ Max Unit Item
V1
Output voltage including line and
load regulation
VSREG≥ 6.5 V
-
5.0
-
V
C.001
-
3.3
-
C.041
V110mA
Output voltage tolerance (0...ICMP)
ILOAD = 100 µA to ICMP
VSREG = 13.5 V
-2.5
-
+2.5
%
C.003
V1high_acc
Output voltage tolerance
High accuracy mode
ILOAD = ICMP to 100 mA, (active mode)
VSREG = 13.5 V
-2.5
-
+2.5
%
C.004
V1250mA
Output voltage tolerance (100…
250 mA)
ILOAD = 250mA,
VSREG = 13.5 V
-3
-
+3
%
C.005
V1ov_th1
OverVoltage threshold 1 for V1
V1 rising
5.2 5.35
5.5
V
C.042
V1 falling - V1 13V5/100 μA
0.1
-
0.4
V1 rising
3.5 3.65
3.8
C.066
V1 falling - V1 13V5/100 μA
0.1
-
0.4
V1ov_th2
OverVoltage threshold 2 for V1
Define the test condition
5.5 5.65
5.8
V
C.043
-
3.9 4.05
4.2
C.067
Rdischarge
Resistance to be able to discharge
20 mA
V1 = 3.3 V
-
120
165
Ω
C.044
V1 = 5 V
-
130
200
C.045
VDP1
Drop-out voltage
ILOAD = 50 mA, VSREG = 5 V (V1 = 5 V)
-
0.2
0.25
V
C.006
ILOAD = 50 mA, VSREG = 3.55 V(1)(V1 =
3.3 V)
0.25 0.35
C.046
ILOAD = 100 mA, VSREG= 5 V (V1 = 5 V)
and VSREG = 3.55 V(1) below 3.55 V, the
POR VSREG can be activated and there is
a device reset. (V1 = 3.3 V)
0.35
0.5
C.007
SPSB081
Power-on reset (VSREG)
DS14048 - Rev 3
page 57/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com