Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 23Page - STMicroelectronics SPSB081 Datasheet HTML 24Page - STMicroelectronics SPSB081 Datasheet HTML 25Page - STMicroelectronics SPSB081 Datasheet HTML 26Page - STMicroelectronics SPSB081 Datasheet HTML 27Page - STMicroelectronics SPSB081 Datasheet HTML 28Page - STMicroelectronics SPSB081 Datasheet HTML 29Page - STMicroelectronics SPSB081 Datasheet HTML 30Page - STMicroelectronics SPSB081 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 137 page
background image
•
If V1OV_TH2 ≤ V1 < 6.5 V → It causes a non recoverable failure and the device is forced to VBAT standby
mode (V1 is switched OFF and FORCED_SLEEP_V1OV (SR2) is raised after tOV1FILTER2). The internal
pull-down transistor which will discharge the decoupling capacitor through the RDISCHARGE is activated
If the VBAT stdby is caused by an output overvoltage on V1, the status flag stays set (V1_OV = 1).
Figure 17. Overvoltage detection V1 = 5 V
3.11
LIN bus interfaces (only for SPSB0815 and SPSB0813)
3.11.1
Features
•
LIN ISO 17987-4/2016 compliant transceiver
•
Meet OEM hardware requirements for CAN and LIN FR-Interfaces (version 1.3 2012)
•
Data rate up to 20 kbit/s
•
GND disconnection fail-safe at module level
•
Off mode: does not disturb network
•
GND shift operation at system level
•
Microcontroller interface with CMOS compatible I/O pins
•
Internal pull-up resistor
•
Transients immunity and ESD according to ISO 7637-2, ISO 62215-3 and EN/IEC 61000-4-2.
•
Matched output slopes and propagation delay
•
Wake up behavior according to LIN2.2a and ‘Hardware requirements for LIN, CAN and flexray interfaces
(version 1.3)
At VSREG > VPOR (that is, VSREG power-on reset threshold), the LIN transceiver is enabled.
The LIN transmitter is disabled in case of the following errors:
•
Dominant TxD_L time out
•
LIN permanent recessive
•
Thermal shutdown 1
–
with thermal sensor “global” in mode “no cluster”
SPSB081
LIN bus interfaces (only for SPSB0815 and SPSB0813)
DS14048 - Rev 3
page 27/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com