Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 74 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 70Page - STMicroelectronics SPSB081 Datasheet HTML 71Page - STMicroelectronics SPSB081 Datasheet HTML 72Page - STMicroelectronics SPSB081 Datasheet HTML 73Page - STMicroelectronics SPSB081 Datasheet HTML 74Page - STMicroelectronics SPSB081 Datasheet HTML 75Page - STMicroelectronics SPSB081 Datasheet HTML 76Page - STMicroelectronics SPSB081 Datasheet HTML 77Page - STMicroelectronics SPSB081 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 137 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit Item
VBusdom
Receiver dominant
state
-
-
-
0.4 * VSREG
V
E.078
VTHrec
Receiver threshold
voltage dominant to
recessive state
-
0.5 * VSREG
0.55 * VSREG
0.6 * VSREG
V
E.079
VBusrec
Receiver recessive
state
-
0.6 * VSREG
-
-
V
E.080
VTHhys
Receiver threshold
hysteresis: VTHrec -
VTHdom
-
0.07 * VSREG
0.1 * VSREG 0.175 * VSREG
V
E.081
VTHcnt
Receiver tolerance
center value: (VTHrec +
VTHdom)/2
-
0.475 * VSREG 0.5 * VSREG 0.525 * VSREG
V
E.082
VTHwkup
Receiver wakeup
threshold activation
voltage (rising edge)
-
0.5 * VSREG
0.55 * VSREG
0.6 * VSREG
V
E.083
VTHwkdwn
Receiver wakeup
threshold activation
voltage(falling edge)
-
0.4 * VSREG
0.45 * VSREG
0.5 * VSREG
V
E.084
tlinbus
LIN Bus wake-up
dominant filter time
Sleep mode; edge: rec-
dom; tested by scan
40
64
80
μs
E.085
tdom_LIN
LIN Bus wake-up
dominant filter time
Sleep mode; edge: rec-
dom-rec; tested by scan
28
-
-
μs
E.086
ILINDomSC
Transmitter input
current limit in
dominant state
VTXD = VTXDLOW
VLIN = VBAT = 18 V
40
100
180
mA E.087
Ibus_PAS_dom
Input leakage current
at the receiver incl.
pull-up resistor
VTXD = VTXDHIGH
VLIN = 0 V
VBAT = 12 V
slave mode
-1
-
-
mA E.088
Ibus_PAS_rec
Transmitter input
current in recessive
state
In standby modes
VTXD = VTXDHIGH
VLIN > 8 V
VBAT < 18 V
VLIN > = VBAT
-
-
20
μA
E.089
Ibus_NO_GND
Input current if loss of
GND at device
GND = VSREG
0 V < VLIN < 18 V
VBAT = 12 V
-1
-
1
mA E.090
Ibus
Input current if loss of
VBAT at device
GND = VSREG
0 V < VLIN < 18 V
-
-
30
μA
E.091
VLINdom
LIN voltage level in
dominant state
Active mode;
VTXD=VTXDLOW
Rbus = 500 Ω
-
-
1.2
V
E.092
VLINrec
LIN voltage level in
recessive state
Active mode;
VTXD = VTXDHIGH
ILIN = 10 μA
0.8 * VSREG
-
-
V
E.093
SPSB081
LIN transceiver (only for SPSB0815 and SPSB0813)
DS14048 - Rev 3
page 74/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com