Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 67Page - STMicroelectronics SPSB081 Datasheet HTML 68Page - STMicroelectronics SPSB081 Datasheet HTML 69Page - STMicroelectronics SPSB081 Datasheet HTML 70Page - STMicroelectronics SPSB081 Datasheet HTML 71Page - STMicroelectronics SPSB081 Datasheet HTML 72Page - STMicroelectronics SPSB081 Datasheet HTML 73Page - STMicroelectronics SPSB081 Datasheet HTML 74Page - STMicroelectronics SPSB081 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 137 page
background image
Symbol
Parameter
Condition
Min Typ
Max Unit Item
Recessive bit
symmetry at RXDC
Test signal to be applied on the TXD input of the
implementation is a square wave signal with a
positive duty cycle of 1/6 and a period of six times
the nominal recessive bit width
Rectangular pulse signal TTXDC = 6000 ns, high
pulse 1000 ns, low pulse 5000 ns
ns
TBit(RXD)_150 ohm
≤ 1 Mb/s
RL = 150 Ω
Other conditions as TBit(RXD) ≤ 1 Mb/s
Value may be obtained by characterization only.
800
-
1050
E.052
TBit(RXD) ≤ 2
Mb/s
Conditions as TBit(RXD) ≤ 1 Mb/s
Rectangular pulse signal TTXDC = 3000 ns, high
pulse 500 ns, low pulse 2500 ns
400 500
550
E.053
TBit(RXD)_150 ohm
≤ 2Mb/s
RL=150 Ω
other conditions as TBit(RXD) ≤ 1 Mb/s
Value may be obtained by characterization only
300
-
550
E.054
TBit(RXD) ≤ 5
Mb/s
Conditions as TBit(RXD) ≤ 1 Mb/s
Rectangular pulse signal TTXDC = 1200 ns, high
pulse 200 ns, low pulse 1000 ns
120 200
220
E.055
TBit(BUS) ≤ 1
Mb/s
Recessive bit
symmetry at CAN-
Bus
5.5 V < VSREG < 18V
RL = 60 Ω ±1%
VDIFF: 0.5 V(falling) - 0.9 V (rising)
L = 100 pF
CRXD = 15 pF
TXD rise and fall time = 10 ns (10% - 90%, 90% -
10%)
Test signal to be applied on the TXD input of the
implementation is a square wave signal with a
positive duty cycle of 1/6 and a period of six times
the nominal recessive bit width
Rectangular pulse signal TTXDC = 6000 ns, high
pulse 1000 ns, low pulse 5000 ns
935 1000 1030
ns
E.056
TBit(BUS) ≤ 2
Mb/s
Conditions as TBit(BUS) ≤ 1 Mb/s
Rectangular pulse signal TTXDC = 3000 ns, high
pulse 500 ns, low pulse 2500 ns
435 500
530
E.057
TBit(BUS) ≤ 5
Mb/s
Conditions as TBit(BUS) ≤ 1 Mb/s
Rectangular pulse signal TTXDC = 1200 ns, high
pulse 200 ns, low pulse 1000 ns
155 200
210
E.058
∆tREC ≤ 2 Mb/s
Receiver timing
symmetry (TBit(RXD) -
TBit(BUS))
5.5 V < VSREG < 18 V
RL = 60 Ω ±1%
CL = 100 pF
CRXD = 15 pF
Rectangular pulse signal TTXDC = 3000 ns, high
pulse 500 ns, low pulse 2500 ns
-65
-
40
ns
E.059
∆tREC ≤ 5 Mb/s
5.5 V < VSREG < 18 V
RL = 60 Ω ±1%
CL = 100 pF
-45
-
15
E.060
SPSB081
CAN FD transceiver
DS14048 - Rev 3
page 71/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com