Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 78 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 74Page - STMicroelectronics SPSB081 Datasheet HTML 75Page - STMicroelectronics SPSB081 Datasheet HTML 76Page - STMicroelectronics SPSB081 Datasheet HTML 77Page - STMicroelectronics SPSB081 Datasheet HTML 78Page - STMicroelectronics SPSB081 Datasheet HTML 79Page - STMicroelectronics SPSB081 Datasheet HTML 80Page - STMicroelectronics SPSB081 Datasheet HTML 81Page - STMicroelectronics SPSB081 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 137 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
Item
ten DO tri H(1) DO enable time from tristate to high level
CL = 50 pF, Iload = -1 mA
Pull-down load to GND
-
50
100
ns
B.030
td DO(1)
DO delay time
VDO < 0.3 V1 or VDO > 0.7 V1,
CL = 50 pF
-
25
30
ns
B.031
1. Guaranteed by design.
Table 60. CSN timing
Symbol
Parameter
Condition
Min Typ Max Unit Item
tCSN_HI,min(1) Minimum CSN HI time, active mode
Transfer of SPI-command to input
register
0.5
-
-
μs
B.032
tCSNfail(1)
CSN low timeout
-
20
35
50
ms B.033
1. Guaranteed by design.
Figure 35. SPI transfer timing diagram
1
2
3
4
5
6
7
0
0
1
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
0
1
0
1
CSN high to low: DO enabled
time
DI: data will be accepted on the rising edge of CLK signal
23
22
21
20
19
18
23
22
21
20
19
18
23
22
21
20
19
18
X
X
X
X
X
X
CSN
CLK
DI
DO
Input
Data
Register
DO: data will change on the falling edge of CLK signal
fault bit
new data
old data
CSN low to high: actual data is
transferred to output power switches
25
time
time
time
time
31
30
29
28 27 26 25
24
X
X
5
4
3
2
0
30
31
1
31
30
29
28 27 26 25
24
X
X
5
4
3
2
0
30
31
1
31
30
29
28 27 26 25
24
X
X
5
4
3
2
0
30
31
1
CSN high to low: DO enabled
DI: data will be accepted on the rising edge of CLK signal
time
The SPI can be driven by a microcontroller with its SPI peripheral running in the following mode:
CPOL = 0 and CPHA = 0.
For this mode input data is sampled by the low to high transition of the clock CLK, and output data is changed
from the high to low transition of CLK.
SPSB081
SPI
DS14048 - Rev 3
page 78/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com