Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 56 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 52Page - STMicroelectronics SPSB081 Datasheet HTML 53Page - STMicroelectronics SPSB081 Datasheet HTML 54Page - STMicroelectronics SPSB081 Datasheet HTML 55Page - STMicroelectronics SPSB081 Datasheet HTML 56Page - STMicroelectronics SPSB081 Datasheet HTML 57Page - STMicroelectronics SPSB081 Datasheet HTML 58Page - STMicroelectronics SPSB081 Datasheet HTML 59Page - STMicroelectronics SPSB081 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 137 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit Item
Current consumption for
LIN wake capability
LIN wake-up = ON
WK = OFF
CAN = OFF
TJ = 85 °C
µA
IV(VBAT_V2,25)(3)
Current consumption for
voltage regulator V2 in
VBAT standby mode
VBAT_standby
V2 On (Iv2 = 0)
CAN = OFF
Wake-up = OFF
TJ = 25 °C
-
48
84
µA
A.070
IV(VBAT_V2,85)(3)
VBAT_standby
V2 On (Iv2 = 0)
CAN OFF
Wake-up = OFF
TJ = 85 °C
-
53
94
A.071
IV(V1stby _HS,25)(3)
Current consumption for
HS drivers
V1_standby cyclic sense enabled(5)
HSx (x = 3;4) = ON
CAN = OFF
Wake-up OFF except LIN transceiver
TJ = 25 °C
-
550 950
µA
A.072
IV(V1stby _HS,85)(3)
V1_standby cyclic sense enabled(5)
HSx (x = 3;4) = ON
CAN = OFF
Wake-up OFF except LIN transceiver
TJ = 85 °C
-
570 1000
A.073
1. Conditions for specified current consumption:
•
VLIN > (VSREG - 1.5 V)
•
(CAN_H - CAN_L) < 0.4 V or (CAN_H - CAN_L) > 1.2 V
•
VWU < 1 V or VWU > (VSREG - 1.5 V)
•
LIN wake-up is possible, CAN wake up disabled, WUx_EN register set to 0
2. In SPSB081Cx it is mandatory to keep wake-up source capability (CANFD or wake-up pin) and in that case an additional
contribution of IV(VBAT_WU,x) or IV(CANWU,x) has to be considered.
3. Guaranteed by design.
4. Current consumption adders of features defined for SBC V1 stby mode or for SBC VBAT stby mode (unless otherwise
specified).
5. Current consumption adder while only one HS is turned on with no load.
5.1
Oscillator
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin.
6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; TJ = -40 °C... 150 °C, unless otherwise specified.
Table 28. Oscillator
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
FCLK1(1)(2)
Oscillation frequency
-
0.80
1.0
1.20
MHz
A.018
FCLK2(1)
Oscillation frequency
-
12.8
16.0
19.2
MHz
A.019
SPSB081
Oscillator
DS14048 - Rev 3
page 56/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com