Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 18Page - STMicroelectronics SPSB081 Datasheet HTML 19Page - STMicroelectronics SPSB081 Datasheet HTML 20Page - STMicroelectronics SPSB081 Datasheet HTML 21Page - STMicroelectronics SPSB081 Datasheet HTML 22Page - STMicroelectronics SPSB081 Datasheet HTML 23Page - STMicroelectronics SPSB081 Datasheet HTML 24Page - STMicroelectronics SPSB081 Datasheet HTML 25Page - STMicroelectronics SPSB081 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 137 page
background image
Figure 12. Watchdog with error conditions
WD
OFF
long
open
window
Window
Mode
proper trigger in
Window mode
TRIG = 1
V1 < VRTx
Vbat standby mode
*) forced VBAT: 15x WD fail
7x TSD2
Short V1
Active mode
Active mode
Fail-Safe
Event
Fail-Safe
Event
forced Vbat stby *)
or
V1 < VRTx
V1 > VRTx
Figure 13. Watchdog in debug mode
Note:
Whenever the device is operated without servicing the mandatory watchdog trigger events, a sequence
of 15 consecutive reset events is performed and the device is forced into Vbat_Stby mode with bit
FORCED_SLEEP_WD in SR1 set.
If the device is woken up after such a forced Vbat_Stby condition and the watchdog is still not serviced, the
device, after one long open watchdog window is reforced into the same Vbat_Stby mode until the next wake-up
event. In this case, an additional watchdog failure is generated, but the fail counter is not cleared, keeping the
maximum number of 15 failures. This sequence is repeated until a valid watchdog trigger event is performed by
writing TRIG = 1.
SPSB081
Configurable window watchdog
DS14048 - Rev 3
page 22/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com