Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 71Page - STMicroelectronics SPSB081 Datasheet HTML 72Page - STMicroelectronics SPSB081 Datasheet HTML 73Page - STMicroelectronics SPSB081 Datasheet HTML 74Page - STMicroelectronics SPSB081 Datasheet HTML 75Page - STMicroelectronics SPSB081 Datasheet HTML 76Page - STMicroelectronics SPSB081 Datasheet HTML 77Page - STMicroelectronics SPSB081 Datasheet HTML 78Page - STMicroelectronics SPSB081 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 137 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit Item
RLINup
LIN output pulls up
resistor
VLIN = 0 V
20
40
60
kΩ
E.094
CLIN(1)
LIN input capacitance
-
-
-
30
pF
E.095
1. Guaranteed by design.
Table 54. LIN transceiver timing
Symbol
Parameter
Condition
Min
Typ Max Unit Item
tRXpd
Receiver propagation delay time
tRXpd = max (tRXpdr, tRXpdf)
tRXpdf = t(0.5 VRXD) - t(0.45 VLIN)
tRXpdr = t(0.5 VRXD) - t(0.55 VLIN)
VSREG = 12 V, CRXD = 20 pF
Rbus = 1k Ω, Cbus = 1 nF
Rbus = 660 Ω, Cbus = 6.8 nF
Rbus = 500 Ω, Cbus = 10 nF
-
-
6
μs
E.096
tRXpd_sym
Symmetry of receiver propagation delay
time (rising vs. falling edge)
tRXpd_sym = tRXpdr - tRXpdf
VSREG = 12 V
Rbus = 1 kΩ, Cbus = 1 nF
CRXD = 20 pF
-2
-
2
μs
E.097
D1
Duty cycle 1
THRec(max) = 0.744 * VSREG
THDom(max) = 0.581 * VSREG
VSREG = 7…18 V, tbit= 50 μs
D1 = tbus_rec(min)/(2xtbit)
Rbus = 1 kΩ, Cbus = 1 nF
Rbus = 660 Ω, Cbus = 6.8 nF
Rbus = 500 Ω, Cbus = 10 nF
0.396
-
-
-
E.098
D2
Duty cycle 2
THRec(min) = 0.422 * VSREG
THDom(min) = 0.284 * VSREG
VSREG = 7.6…18 V, tbit = 50 μs
D2 = tbus_rec(max)/(2xtbit)
Rbus = 1 kΩ, Cbus = 1 nF
Rbus = 660 Ω, Cbus = 6.8 nF
Rbus = 500 Ω, Cbus = 10 nF
-
-
0.581
-
E.099
D3
Duty cycle 3
THRec(max) = 0.778 * VSREG
THDom(max) = 0.616 * VSREG
VSREG=7…18 V, tbit = 96 μs
D3 = tbus_rec(min)/(2xtbit)
Rbus = 1 kΩ, Cbus = 1 nF
Rbus = 660 Ω, Cbus = 6.8 nF
Rbus = 500 Ω, Cbus = 10 nF
0.417
-
-
-
E.100
D4
Duty cycle 4
THRec(min) = 0.389 * VSREG
THDom(min) = 0.251 * VSREG
-
-
0.590
-
E.101
SPSB081
LIN transceiver (only for SPSB0815 and SPSB0813)
DS14048 - Rev 3
page 75/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com