Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 64Page - STMicroelectronics SPSB081 Datasheet HTML 65Page - STMicroelectronics SPSB081 Datasheet HTML 66Page - STMicroelectronics SPSB081 Datasheet HTML 67Page - STMicroelectronics SPSB081 Datasheet HTML 68Page - STMicroelectronics SPSB081 Datasheet HTML 69Page - STMicroelectronics SPSB081 Datasheet HTML 70Page - STMicroelectronics SPSB081 Datasheet HTML 71Page - STMicroelectronics SPSB081 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 137 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit Item
VDIFF_Arb
Differential output voltage in dominant state
during arbitration:
VCANHdom - VCANLdom
VTXDC = VTXDCLOW
RL = 2240 Ω
1.5
-
5
V
E.024
VDIFF,dom_ext
Differential output voltage in dominant state on
extended bus load range:
VCANHdom - VCANLdom
VTXDC = VTXDCLOW
RL = 45 Ω…70 Ω
1.4
-
3.3
V
E.025
VDIFF,domVsLow
Differential output voltage in dominant state:
VCANHdom - VCANLdom at low VSREG
VTXDC = VTXDCLOW
RL = 50 Ω…65 Ω
5 V < VSREG < 5.5 V(1)
1.35
-
3
V
E.026
VDIFF,dom_ext_ VsLow
Differential output voltage in dominant state:
VCANHdom - VCANLdom with 45 Ω…70 Ω load at
low VSREG
VTXDC = VTXDCLOW
RL = 45 Ω…70 Ω
5 V < VSREG < 5.5 V (1)
1.25
-
3.3
V
E.027
VSYM
Driver symmetry
VSYM = (VCANH + VCANL)/VCANSUP
VCANSUP = 5 V(2)
RL = 60 Ω ±1%
fTXDC = 1 MHz(3)
CSPLIT = 4.7 nF (±5%)
0.9
1
1.1
-
E.028
IOCANH,dom (-3 V)
CANH output current in dominant state
VTXDC = VTXDCLOW
VCANH = -3 V…18 V
-115
-
115
mA E.029
IOCANL,dom (18 V)
CANL output current in dominant state
VTXDC = VTXDCLOW
VCANL = -3 V…18 V
-115
-
115
mA E.030
IOCANL,dom (40 V)
CANL output current in dominant state
VTXDC = VTXDCLOW;
VCANL = 40 V
VSREG = 40 V
0
-
115
mA E.032
1. VSREG at device pin after reverse battery protection, while application is supplied with 6 V. Operating condition has to be
adapted, if a higher voltage drop occurs in the application.
2. Put into the datasheet, if it is an internal voltage. If it is an external pin, it should be supplied externally.
3. Measurement equipment input load < 20 pF, > 1 MΩ, guaranteed by E.025, E.026, E.029, E.030, E.053, E.054
measurements.
Table 44. CAN transmitter recessive output characteristics, CAN normal mode
Symbol
Parameter
Condition
Min Typ Max Unit Item
VCANHrec
CANH voltage level in recessive state (normal mode)
VTXDC = VTXDCHIGH
No load
2
2.5
3
V
E.033
VCANLrec
CANL voltage level in recessive state (normal mode)
VTXDC = VTXDCHIGH
No load
2
2.5
3
V
E.034
VDIFF,recOUT
Differential output voltage in recessive state (normal
mode):
VCANHrec - VCANLrec
VTXDC = VTXDCHIGH
No load
-50
-
50
mV E.035
Note:
CAN normal mode: tested in TRX normal state while the device is in active mode.
SPSB081
CAN FD transceiver
DS14048 - Rev 3
page 68/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com