Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 76 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 72Page - STMicroelectronics SPSB081 Datasheet HTML 73Page - STMicroelectronics SPSB081 Datasheet HTML 74Page - STMicroelectronics SPSB081 Datasheet HTML 75Page - STMicroelectronics SPSB081 Datasheet HTML 76Page - STMicroelectronics SPSB081 Datasheet HTML 77Page - STMicroelectronics SPSB081 Datasheet HTML 78Page - STMicroelectronics SPSB081 Datasheet HTML 79Page - STMicroelectronics SPSB081 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 137 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit Item
VSREG = 7.6…18 V, tbit = 96 μs
D4 = tbus_rec(max)/(2xtbit)
Rbus = 1 kΩ, Cbus = 1 nF
Rbus = 660 Ω, Cbus = 6.8 nF
Rbus = 500 Ω, Cbus = 10 nF
tdom(TXDL) TXDL dominant time-out
Tested by scan
-
12
-
ms E.102
tLIN
LIN permanent recessive time-out
Tested by scan
-
40
-
μs
E.103
Tdom(bus) LIN Bus permanent dominant time-out
Tested by scan
-
12
-
ms E.104
Figure 34. LIN transmit, receive timing
5.15
SPI
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin.
6 V < VSREG < 18 V; all outputs open; TJ = from -40 °C to 150 °C, unless otherwise specified.
Table 55. Input: CSN
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VCSNLOW
Input voltage low level
Normal mode, V1 = 5 V
1.0
1.45
-
V
B.001
VCSNHIGH
Input voltage high level
Normal mode, V1 = 5 V
-
1.85
2.3
V
B.002
VCSNHYS
VCSNHIGH - VCSNLOW
Normal mode, V1 = 5 V
0.2
0.4
-
V
B.003
ICSNPU
CSN pull up resistor
Normal mode, V1 = 5 V
13
29
46
kΩ
B.004
Table 56. Inputs: CLK, DI
Symbol
Parameter
Condition
Min Typ Max Unit
Item
tset
Delay time from V1_standby mode
to active mode
Switching from V1_standby mode to active
mode using SPI wake- up access. Time until
output drivers(p-channel) are enabled after
CSN going to high
-
60
-
µs
B.005
SPSB081
SPI
DS14048 - Rev 3
page 76/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com