Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 55Page - STMicroelectronics SPSB081 Datasheet HTML 56Page - STMicroelectronics SPSB081 Datasheet HTML 57Page - STMicroelectronics SPSB081 Datasheet HTML 58Page - STMicroelectronics SPSB081 Datasheet HTML 59Page - STMicroelectronics SPSB081 Datasheet HTML 60Page - STMicroelectronics SPSB081 Datasheet HTML 61Page - STMicroelectronics SPSB081 Datasheet HTML 62Page - STMicroelectronics SPSB081 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 137 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit Item
ΔVo(1)
Output voltage tracking
accuracy
Icc2 = 100 µA to 100 mA,
Icc1 = 30 mA, VSREG = 6.5 V to 28 V
-20
-
20
mV C.057
VDP2
Drop-out voltage
ILOAD = 30 mA;
VSREG = 5.25 V (V2 = 5 V) and VSREG = 3.55 V
(V2 = 3.3 V)
-
0.3
0.5
V
C.022
ILOAD =100 mA AT T= 25°C;
VSREG =5.0 V (V2 = 5.0 V) and
VSREG = 3.55 V (V2 = 3.3 V)
-
0.75 0.85
V
C.058
ICCmax2 Output current limitation
-
400 600 1200 mA C.023
Cload(2)(3) Load capacitor
Ceramic (±20%)
1
-
10
μF
C.024
V2fail_5
V2 short circuit voltage to switch
V2 off and set SPI bit
V2 forced (V2 = 5 V)
-
2
3
V
C.025
V2fail_33
V2 forced (V2 = 3.3 V)
-
1.3
2
C.060
tV2fail
V2 fail filter time
Tested by scan
6
13
20
µs
C.068
tV2short
V2 short filter time
Tested by scan
-
4
-
ms C.026
1. Output voltage tracking accuracy are guaranteed only in DC condition.
2. Nominal capacitor value required for stability of the regulator. Tested with 1 µF ceramic (±20%). Capacitor must be located
close to the regulator output pin. A 2.2 μF capacitor value is recommended to minimize the DPI stress in the application.
3. Guaranteed by design.
5.5
Reset output
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
4 V ≤ VS ≤ 28 V; 4 V ≤ VSREG ≤ 28 V; TJ = from -40 °C to 150 °C, unless otherwise specified.
Table 32. Reset output
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VRT1_5
Reset threshold voltage1
VV1 decreasing (V1 = 5 V)
3.3
3.5
3.7
V
C.027
VRT1_33
VV1 decreasing (V1 = 3.3 V)
2.5
2.65
2.75
C.061
VRT2_5
Reset threshold voltage2
VV1 decreasing (V1 = 5 V)
3.6
3.8
4
V
C.028
VRT2_33
VV1 decreasing (V1 = 3.3 V)
2.6
2.75
2.85
C.062
VRT3_5
Reset threshold voltage3
VV1 decreasing (V1 = 5 V)
3.8
4.0
4.2
V
C.029
VRT3_33
VV1 decreasing (V1 = 3.3 V)
2.7
2.85
2.95
C.063
VRT4-1_5
Reset threshold voltage4
VV1 decreasing (V1 = 5 V)
4.4
4.6
4.8
V
C.030
VRT4-1_33
VV1 decreasing (V1 = 3.3 V)
2.8
2.9
3.05
C.064
VRT4-2_5
Reset threshold voltage4
VV1 increasing (V1 = 5 V)
4.65
4.8
4.9
V
C.031
VRT4-2_33
VV1 increasing (V1 = 3.3 V)
2.95
3.1
3.2
C.065
VRESET
Reset pin low output voltage
V1 > 1 V, IRESET = 5 mA
-
0.2
0.4
V
C.032
RRESET
Reset pull up int. resistor
-
10
25
40
kΩ
C.033
tRR
Reset reaction time
Iload = 1 mA; tested by scan
6
-
40
μs
C.034
tUV1
V1 under-voltage filter time
Tested by scan
6
12
20
μs
C.035
tRD
Reset pulse duration
Tested by scan
1.5
2.0
2.5
ms
C.036
SPSB081
Reset output
DS14048 - Rev 3
page 59/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com