Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 38 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 34Page - STMicroelectronics SPSB081 Datasheet HTML 35Page - STMicroelectronics SPSB081 Datasheet HTML 36Page - STMicroelectronics SPSB081 Datasheet HTML 37Page - STMicroelectronics SPSB081 Datasheet HTML 38Page - STMicroelectronics SPSB081 Datasheet HTML 39Page - STMicroelectronics SPSB081 Datasheet HTML 40Page - STMicroelectronics SPSB081 Datasheet HTML 41Page - STMicroelectronics SPSB081 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 137 page
background image
3.19
Constant current mode
For the OUT1, OUT2, OUT3, and OUT4 high-side drivers, it is available the CCM (constant current mode)
feature, which is conceived to provide a constant current to the related output. The CCM feature is configurable
via SPI, by setting the OUTx_CCM_EN bit (x = 1, 2, 3, 4) in CR20; these bits can be set only if the related driver
is in OFF state and when the CCM is enabled, the overcurrent and short circuit detection of the related output is
switched OFF while its open load detection is always ON.
The CCM is automatically disabled after an expiration time tCCMTIMEOUT.
The allowed sequences are:
•
Set OUTx_CCM_EN bit, then turn ON the related driver by SPI (the other configurations of the OUTx_y
in CR5 are ignored): driver starts in CCM for tCCMTIMEOUT, then it switches to ON mode and the
OUTx_CCM_EN bit is automatically cleared;
•
If OUTx_CCM_EN = 1, after driver has been started in ON, PWM, timer modes then CCM bit is ignored;
•
If OUTx_CCM_EN bit is cleared by the microcontroller before timeout, then the driver is switched to ON
mode.
The short-circuit and overcurrent detection are enabled in ON, PWM, timer and DIR modes, but not in constant
current mode. The default value for the OUTx_CCM_EN bit is 0, that is, the CCM is disabled by default.
Figure 24. Constant current mode
SPSB081
Constant current mode
DS14048 - Rev 3
page 38/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com