Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 24Page - STMicroelectronics SPSB081 Datasheet HTML 25Page - STMicroelectronics SPSB081 Datasheet HTML 26Page - STMicroelectronics SPSB081 Datasheet HTML 27Page - STMicroelectronics SPSB081 Datasheet HTML 28Page - STMicroelectronics SPSB081 Datasheet HTML 29Page - STMicroelectronics SPSB081 Datasheet HTML 30Page - STMicroelectronics SPSB081 Datasheet HTML 31Page - STMicroelectronics SPSB081 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 137 page
background image
or with thermal sensor “Th_CL4” in mode “cluster”
•
VSREG overvoltage/undervoltage
•
V1 undervoltage
The LIN receiver is not disabled in case of any failure condition (it is reactivated in case of FS by thermal
shutdown).
3.11.2
Error handling
The device LIN transceiver provides the following three error handling features.
3.11.2.1
Dominant TXD_L time out
If TXD_L is in dominant state (low) for t > tDOM(TXDL) the transmitter is disabled, the related status bit
LIN_TXD_DOM (SR2) is set.
The transmitter remains disabled until the status bit is cleared.
The TXD dominant timeout detection can be disabled via SPI (LIN_TXD_TOUT_EN = 0).
3.11.2.2
Permanent recessive
If TXD_L changes to dominant (low) state but RXD_L signal does not follow within t < tLIN the transmitter is
disabled, the status bit LIN_PERM_REC (SR2) is set.
The transmitter remains disabled until the status bit is cleared.
3.11.2.3
Permanent dominant
If the bus state is dominant (low) for t > tDOM(BUS) a bus permanent dominant failure is detected. The status bit
LIN_PERM_DOM (SR2) is set.
The transmitter is not disabled.
3.11.3
Wake-up from standby modes
In low power modes (V1_standby mode and VBAT_standby mode) the SPSB081 can receive two types of
wake-up signals from the LIN bus (configurable by SPI bit LIN_WU_config):
•
Recessive-Dominant-Recessive pattern with t > tDOM_LIN (default, according to LIN ISO 17987-4/2016)
A dominant time of at least 150 μs must be identified as a wake-up. Shorter dominant times may wake up the
device.
•
State change recessive-to-dominant or dominant-to-recessive (according to LIN ISO 17987-4/2016)
Note:
Dominant levels having duration less than a glitch filter time (it is defined 28 µs minimum, according to OEM
requirements version 1.3) have to be filtered and therefore they cannot wake up the device.
SPSB081
LIN bus interfaces (only for SPSB0815 and SPSB0813)
DS14048 - Rev 3
page 28/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com