Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 58 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 54Page - STMicroelectronics SPSB081 Datasheet HTML 55Page - STMicroelectronics SPSB081 Datasheet HTML 56Page - STMicroelectronics SPSB081 Datasheet HTML 57Page - STMicroelectronics SPSB081 Datasheet HTML 58Page - STMicroelectronics SPSB081 Datasheet HTML 59Page - STMicroelectronics SPSB081 Datasheet HTML 60Page - STMicroelectronics SPSB081 Datasheet HTML 61Page - STMicroelectronics SPSB081 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 137 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit Item
VDP1
Drop-out voltage
ILOAD = 150 mA, VSREG = 5 V and
VSREG= 3.55 V(1) (V1 = 3.3 V); T = 25 °C
-
V
0.35
0.5
C.008
ICCmax1
Short circuit output current (to
GND)
Current limitation
450 750 1100 mA C.010
Cload1(2)
Load capacitor1
Ceramic (±20%)
1(3)
-
10(1)
µF
C.011
tTSD
V1 deactivation time after thermal
shut-down
Tested by scan
-
1.5
-
sec C.012
ICMP_ris(4)
Current comp. rising threshold (to
GND)
Rising current ICMP_SET = 0
1
4
7
mA
C.013
Rising current ICMP_SET = 1
6
12
18
C.047
ICMP_fal(4)
Current comp. falling threshold (to
GND)
Falling current ICMP_SET = 0
0.4
2.8
4.2
mA
C.014
Falling current ICMP_SET = 1
4
10
15
C.048
ICMP_hys(4) Current comp. hysteresis
ICMP_SET = 0
1.2
mA
C.015
ICMP_SET = 1
1
2
4
C.049
V1fail
V1 fail threshold
V1 forced (V1 = 5 V)
-
2
3
V
C.016
V1 forced (V1 = 3.3 V)
-
1.3
2
C.050
tOV1filter1
V1 overvoltage filter time1
Tested by scan
-
20
30
µs
C.051
tOV1filter2
V1 overvoltage filter time2
Tested by scan
-
20
30
µs
C.052
tV1fail
V1 fail filter time
Tested by scan
6
13
20
µs
C.017
tV1short
V1 short filter time
Tested by scan
2
4
5
ms C.018
tV1FS
V1 fail-safe filter time
Tested by scan
1.43
2
2.06
ms C.019
tV1off
V1 deactivation time after 8
consecutive WD failures
Tested by scan
-
200
270
ms C.020
1. Below 3.55 V, the POR VSREG can be activated and there is a device reset.
2. Guaranteed by design.
3. Nominal capacitor value required for stability of the regulator. Tested with 1 μF ceramic (±20%). Capacitor must be located
close to the regulator output pin. A 2.2 μF capacitor value is recommended to minimize the DPI (Direct power injection)
stress in the application.
4. In active mode, V1 regulator is switched to high accuracy mode. Below the Icmp threshold, regulator switches in any case to
nominal accuracy mode (same behavior applies also in case of high current).
5.4
Voltage regulator V2
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin.
4.5 V ≤ VS ≤ 28 V; 4.5 V ≤ VSREG ≤ 28 V; TJ = from -40 °C to 150 °C, unless otherwise specified.
The same parameter values in both 5 V and 3.3 V conditions apply unless otherwise specified.
Table 31. Voltage regulator V2
Symbol
Parameter
Condition
Min Typ Max Unit Item
V2
Output voltage including line
and load regulation
VSREG ≥ 6.5 V
-
5.0
-
V
C.053
-
3.3
-
C.054
V2high_acc
Output voltage tolerance
High accuracy mode
ILOAD = 100 μA to 50 mA, (active mode)
VSREG = 13.5 V
-2.5
-
+2.5
%
C.055
V2100mA
Output voltage tolerance (50…
100 mA)
ILOAD = 100 mA,
VSREG = 13.5 V
-3
-
+3
%
C.056
SPSB081
Voltage regulator V2
DS14048 - Rev 3
page 58/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com