Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 43 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 39Page - STMicroelectronics SPSB081 Datasheet HTML 40Page - STMicroelectronics SPSB081 Datasheet HTML 41Page - STMicroelectronics SPSB081 Datasheet HTML 42Page - STMicroelectronics SPSB081 Datasheet HTML 43Page - STMicroelectronics SPSB081 Datasheet HTML 44Page - STMicroelectronics SPSB081 Datasheet HTML 45Page - STMicroelectronics SPSB081 Datasheet HTML 46Page - STMicroelectronics SPSB081 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 137 page
background image
4.1.1
Physical layer
Figure 26. SPI pin description
4.2
Signal description
Chip select not (CSN)
The communication interface is de-selected, when this input signal is logically high. A falling edge on CSN
enables and starts the communication while a rising edge finishes the communication and the sent command is
executed when a valid frame was sent. During communication starts and stops the serial clock (SCK) has to be
logically low. The serial data out (SDO) is in high impedance when CSN is high or a communication timeout has
been detected.
Serial clock (SCK)
This SCK provides the clock of the SPI. Data present at serial data input (SDI) is latched on the rising edge of
serial clock (SCK) into the internal shift registers while on the falling edge data from the internal shift registers are
shifted out to serial data out (SDO).
Serial data input (SDI)
This input is used to transfer data serially into the device. Data is latched on the rising edge of serial clock (SCK).
Serial data output (SDO)
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of serial
clock (SCK).
4.2.1
Clock and data characteristics
The ST-SPI can be driven by a microcontroller with its SPI peripheral running in the following mode:
•
CPOL = 0
•
CPHA = 0
SPSB081
Signal description
DS14048 - Rev 3
page 43/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com