Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 33Page - STMicroelectronics SPSB081 Datasheet HTML 34Page - STMicroelectronics SPSB081 Datasheet HTML 35Page - STMicroelectronics SPSB081 Datasheet HTML 36Page - STMicroelectronics SPSB081 Datasheet HTML 37Page - STMicroelectronics SPSB081 Datasheet HTML 38Page - STMicroelectronics SPSB081 Datasheet HTML 39Page - STMicroelectronics SPSB081 Datasheet HTML 40Page - STMicroelectronics SPSB081 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 137 page
background image
3.15
Power outputs OUT1..4
The component provides a total of four standalone high side outputs OUT1, OUT2, OUT3, and OUT4 to drive, for
example, LED’s or to supply contacts. OUT1, OUT2, OUT3, and OUT4 are supplied by VS. OUT1, OUT2, OUT 3
and OUT4 are intended to be used as contact supply and can be activated in standby modes.
All high side outputs switch off in case of:
•
VS overvoltage and undervoltage (depending on configuration, see Section 3.13 Power supply fail)
•
Overcurrent (only the impacted high-side)
•
Overtemperature (TSD1)
•
Fail-safe event
•
Loss of ground at SGND pin
In the case of overcurrent or overtemperature (TSD1 (SR1)) condition, the drivers will switch off. The related
status bit is latched and can be read and optionally cleared by SPI. The drivers remain off until the status is
cleared.
In case of overvoltage and undervoltage conditions, the drivers are switched off. The relative status bit is latched
and can be read and optionally cleared by SPI. If the VS_LOCK_EN bit is set to ‘1’, the drivers remain off
until the status is cleared. If the VS_LOCK_EN bit is set to ‘0’, the drivers switch on automatically if the error
condition disappears. Under-voltage and over-voltage shutdown can be disabled by setting < VS_UV_SD_EN >
respectively < VS_OV_SD_EN > to ‘0’. In case of open load condition, the appropriate status register (in SR4) is
set. The status can be read and optionally cleared by SPI. The high side outputs are not switched off in case of
open load condition.
Note:
The maximum voltage and current applied to the high-side outputs are specified in the ‘absolute maximum
ratings’. Appropriate external protection may be required in order to respect these limits under application
conditions.
Each of the standalone high-side driver outputs OUT1..4 can be also driven either with an internal generated
PWM signal or with an internal timer. OUT1..4 can be also directly driven with DIR/WU2 pin.
3.16
Open-load detection
The open-load detection monitors the load current in each activated output stage. If the load current is below
the open- load detection threshold (IOLDx) for at least tFOL the corresponding open-load bit is set in the status
register.
3.17
Overcurrent detection
In the case of an overcurrent condition, a status flag is set in the corresponding status register. If the overcurrent
signal is valid for at least tBLK, the overcurrent flag is set and the corresponding driver switches off to reduce the
power dissipation and to protect the integrated circuit. If the overcurrent recovery bit of the output is cleared, the
microcontroller has to clear the status bits to reactivate the corresponding driver.
3.18
Current monitor
The current monitor sources a current image of the power stage output current at the current monitor pin, which
has fixed ratio (ICMR refer to Table 34) of the instantaneous current of the selected high-side driver. The signal
at output CM is blanked after switching on the driver until correct settlement of the circuitry. The bits CM_SEL_x
(CR6) define which of the outputs is multiplexed to the current monitor output CM. The current monitor output
allows a more precise analysis of the actual state of the load rather than the detection of an open or overload
condition. The current monitor output is enabled after the current-monitor blanking time, when the selected output
is switched on. If this output is off, the current monitor output is in high-impedance mode. The current monitor can
be turned on or off by selecting the corresponding setting for the CM on/off bit.
SPSB081
Power outputs OUT1..4
DS14048 - Rev 3
page 37/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com