Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 73 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 69Page - STMicroelectronics SPSB081 Datasheet HTML 70Page - STMicroelectronics SPSB081 Datasheet HTML 71Page - STMicroelectronics SPSB081 Datasheet HTML 72Page - STMicroelectronics SPSB081 Datasheet HTML 73Page - STMicroelectronics SPSB081 Datasheet HTML 74Page - STMicroelectronics SPSB081 Datasheet HTML 75Page - STMicroelectronics SPSB081 Datasheet HTML 76Page - STMicroelectronics SPSB081 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 137 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit Item
Input leakage current
CANL
TJ = 130 °C
-
1. VSREG not floating.
2. Related to the external supply pin of the CAN-transceiver. If the transceiver supply is generated entirely inside of the device
the parameter is measured with respect to the supply of the device.
3. Related to the external supply pin of the CAN-transceiver. If the transceiver supply is generated entirely inside of the device
the parameter is measured with respect to the supply of the device; if the transceiver is supplied by its own supply pin, this
pin has to fulfill this specification as well as the supply that is used to generate the transceiver voltage in case it is on the
same device.
4. Related to the external supply pin of the CAN-transceiver. If the transceiver supply is generated entirely inside of the device
the parameter is measured with respect to the supply of the device; if the transceiver is supplied by its own supply pin, this
pin has to fulfill this specification as well as the supply that is used to generate the transceiver voltage in case it is on the
same device. It is connected via 47 kΩ to GND.
Table 50. Biasing control timings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
tfilter
CAN activity filter time
Tested by scan
0.5
-
1.8
µs
E.068
twake
Wake-up time out
Tested by scan
0.8
1
5
ms
E.069
tSilence
CAN timeout
Tested by scan
600
700
1200
ms
E.070
TBias
CAN bias reaction time
-
-
-
250
µs
E.112
5.14
LIN transceiver (only for SPSB0815 and SPSB0813)
LIN ISO 17987-4:2016 compliant. For data rates up to 20 Kbit/s
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6 V ≤ VSREG ≤ 18 V; TJ = from -40 °C to 150 °C unless otherwise specified.
Table 51. LIN transmit data input: pin TxD
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VTXDLOW
Input voltage dominant level
Active mode
1.0
1.45
-
V
E.071
VTXDHIGH
Input voltage recessive level
Active mode
-
1.85
2.3
V
E.072
VTXDHYS
VTXDHIGH - VTXDLOW
Active mode
0.2
0.4
-
V
E.073
RTXDPU
TXD pulls up resistor
Active mode
13
29
49
kΩ
E.074
Table 52. LIN receive data output: pin RxD
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VRXDLOW
Output voltage dominant level
Active mode
-
0.2
0.5
V
E.075
VRXDHIGH
Output voltage recessive level
Active mode
V1 - 0.5
V1 - 0.2
-
V
E.076
Table 53. LIN transmitter and receiver: pin LIN
Symbol
Parameter
Condition
Min
Typ
Max
Unit Item
VTHdom
Receiver threshold
voltage recessive to
dominant state
-
0.4 * VSREG
0.45 * VSREG
0.5 * VSREG
V
E.077
SPSB081
LIN transceiver (only for SPSB0815 and SPSB0813)
DS14048 - Rev 3
page 73/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com