Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 65Page - STMicroelectronics SPSB081 Datasheet HTML 66Page - STMicroelectronics SPSB081 Datasheet HTML 67Page - STMicroelectronics SPSB081 Datasheet HTML 68Page - STMicroelectronics SPSB081 Datasheet HTML 69Page - STMicroelectronics SPSB081 Datasheet HTML 70Page - STMicroelectronics SPSB081 Datasheet HTML 71Page - STMicroelectronics SPSB081 Datasheet HTML 72Page - STMicroelectronics SPSB081 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 137 page
background image
Table 45. CAN receiver input characteristics during CAN normal mode
Symbol
Parameter
Condition
Min Typ Max Unit Item
VTHdom
Differential receiver threshold voltage recessive to
dominant state
-12V ≤ VCANH ≤ 12 V
12 V ≤ VCANL ≤ 12 V
0.5
-
0.9
V
E.036
Vdom_range Differential dominant input level voltage range
-12 V ≤ VCANH ≤ 12 V
-12 V ≤ VCANL ≤ 12 V
0.9
-
10
V
E.037
VTHrec
Differential receiver threshold voltage dominant to
recessive state
12 V ≤ VCANH ≤ 12 V
-12 V ≤ VCANL ≤ 12 V
0.5
-
0.9
V
E.038
Vrec_range Differential recessive input level voltage range
-12 V ≤ VCANH ≤ 12 V
-12V ≤ VCANL ≤ 12 V
-5
-
0.5
V
E.039
Note:
CAN normal mode: tested in TRX normal state while the device is in active mode.
Table 46. CAN receiver input characteristics during CAN low power mode, biasing inactive
Symbol
Parameter
Condition
Min Typ Max Unit Item
VTHdomLP
Differential receiver threshold voltage recessive to
dominant state
12 V ≤ VCANH ≤ 12 V
-12 V ≤ VCANL ≤ 12 V
0.4
-
1.15
V
E.040
Vdom_range_LP Differential dominant input level voltage range
-12 V ≤ VCANH ≤ 12 V
-12 V ≤ VCANL ≤ 12 V
1.15
-
10
V
E.041
VTHrecLP
Differential receiver threshold voltage dominant to
recessive state
12 V ≤ VCANH ≤ 12 V
-12 V ≤ VCANL ≤ 12 V
0.4
-
1.15
V
E.042
Vrec_range_LP Differential recessive input level voltage range
-12 V ≤ VCANH ≤ 12 V
-12 V ≤ VCANL ≤ 12 V
-5
-
0.4
V
E.043
VCANHrecLP
CANH output voltage in recessive state
-
-0.1
-
0.1
V
E.108
VCANLrecLP
CANL output voltage in recessive state
-
-0.1
-
0.1
V
E.109
VDIFF,recOUTLP
Differential output voltage in recessive state:
VCANHrecLP - VCANLrecLP
-
-0.2
-
0.2
V
E.110
Note:
CAN low power mode, biasing inactive: Tested in CAN TRX STDBY (bias off) state while the device is in active
mode, V1_standby mode and Vbat_standby mode.
Table 47. CAN receiver input resistance
Symbol
Parameter
Condition
Min Typ Max Unit Item
Rdiff
Differential internal
resistance
VTXDC = VTXDCHIGH
no load
Rdiff = RCANH + RCANL
-2.0 V ≤ VCANH ≤ +7.0 V
-2.0 V ≤ VCANL ≤ +7.0 V(1)
12
-
100
kΩ
E.044
RCANH,
CANL
Single ended
internal resistance
VTXDC = VTXDCHIGH
No load
-2.0 V ≤ VCANH ≤ +7.0 V
-2.0 V ≤ VCANL ≤ +7.0 V(1)
6
-
50
kΩ
E.045
SPSB081
CAN FD transceiver
DS14048 - Rev 3
page 69/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com