Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 22Page - STMicroelectronics SPSB081 Datasheet HTML 23Page - STMicroelectronics SPSB081 Datasheet HTML 24Page - STMicroelectronics SPSB081 Datasheet HTML 25Page - STMicroelectronics SPSB081 Datasheet HTML 26Page - STMicroelectronics SPSB081 Datasheet HTML 27Page - STMicroelectronics SPSB081 Datasheet HTML 28Page - STMicroelectronics SPSB081 Datasheet HTML 29Page - STMicroelectronics SPSB081 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 137 page
background image
DIAGN pin can be directly connected to the microcontroller and it is pulled up to V1 voltage by internal pull-up
resistor.
DIAGN pin can be configured by DIAGN_EXT bit in normal mode or extended mode.
In default DIAGN configuration (DIAGN_EXT = 0), DIAGN pin is set low if a failure considered in fail safe mode
occurs (for example, watchdog failure; V1 failure; thermal shutdown TSD2).
As soon as the FS error source is cleared, the signal is pulled up to V1 voltage.
In extended DIAGN configuration (DIAGN_EXT = 1), DIAGN pin reflects one or more errors such as reported
in the GLOBAL STATUS BYTE register by global status bit not (GSBN) and it is set to low if at least one error
condition occurs.
A bit register is available to mask each one of GSBN flags:
•
RSTB: MASK_RSTB (0x3F)
•
PLE: MASK_PLE (0x3F)
•
FE: MASK_FE (0x3F)
•
DE: MASK_DE (0x3F)
•
GW: MASK_GW (0x3F)
Note:
DIAGN is automatically configured in normal mode (DIAGN_EXT = 0) after a reset event.
3.10
V1 overvoltage detection
SPSB081 protects the MCU against voltages over 5 V (or 3.3 V) that could harm its functionalities. For this
purpose, to sink the exceeding current accumulated in the external capacitor usually directed to the MCU, the
SPSB081 uses an internal pulldown circuit, where output current flows through the pulldown resistor to ground. If
the bit V1_OVP = 1 in CR2 the overvoltage protection circuits is enabled. If V1_OVP = 0 there is no overvoltage
protection anymore.
Figure 16. Overvoltage protection on V1
Two thresholds run the overvoltage event.
When SPSB081 detects an overvoltage event on the V1 pin:
•
If V1OV_TH1≤ V1 < V1OV_TH2 → V1_OV status flag is raised after tFILTER1 and in the same time NINT is
pulled low for 56 μs.
SPSB081
V1 overvoltage detection
DS14048 - Rev 3
page 26/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com